Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF1033D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEF1033D
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEF1033D Datasheet(HTML) 4 Page - STMicroelectronics

  TEF1033D Datasheet HTML 1Page - STMicroelectronics TEF1033D Datasheet HTML 2Page - STMicroelectronics TEF1033D Datasheet HTML 3Page - STMicroelectronics TEF1033D Datasheet HTML 4Page - STMicroelectronics TEF1033D Datasheet HTML 5Page - STMicroelectronics TEF1033D Datasheet HTML 6Page - STMicroelectronics TEF1033D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1.50
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
-60 -40 -20
0
20 40 60 80 100120
TEMPERATURE (
°C)
SUPPLY CURRENT VERSUS AMBIENT
TEMPERATURE
+/- VS (V)
0
2
4
6
8 10
12 14 16182022
1.20
1.10
1.00
0.90
0.80
SUPPLY CURRENT VERSUS SUPPLY
VOLTAGE
13
11
9
7
5
3
1
100
1000
10000
100000
FREQUENCY (Hz)
TOTAL INPUT NOISE VERSUS FREQUENCY
-55 -35
-15
5
25
45
65
85 105 125
TEMPERATURE (C
°)
0.50
0.40
0.30
0.20
0.10
0
V
+/- 15V : Plastic Package
CC
OFFSET VOLTAGE VERSUS AMBIENT
TEMPERATURE
3
2.5
2
1.5
1
10
100
1000
10000
FREQUENCY (kHz)
GAIN BANDWIDTH PRODUCT VERSUS
FREQUENCY
60
50
40
30
20
10
0
-10
-20
-30
-40
10
100
1000
10000
FREQUENCY (kHz)
100
80
60
40
20
0
-20
-40
-60
PHASE
GA
IN
~
DODE PLOT
TEB1033-TEF1033-TEC1033
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com