Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TJ3
Description  Inductors Toroid, High Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ3 Datasheet(HTML) 2 Page - Vishay Siliconix

  TJ3 Datasheet HTML 1Page - Vishay Siliconix TJ3 Datasheet HTML 2Page - Vishay Siliconix TJ3 Datasheet HTML 3Page - Vishay Siliconix TJ3 Datasheet HTML 4Page - Vishay Siliconix TJ3 Datasheet HTML 5Page - Vishay Siliconix TJ3 Datasheet HTML 6Page - Vishay Siliconix TJ3 Datasheet HTML 7Page - Vishay Siliconix TJ3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TJ
Vishay Dale
Inductors, Toroid, High Current
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34079
50
Revision: 18-Apr-06
1. Measured at 0.25 VRMS at 10 kHz
2. DC Resistance measured at + 25 °C ± 5 °C
3. Maximum continuous operating current based on a calculated temperature rise of 40 °C
* The DC current values listed are typical values that drop the nominal inductance by the percent listed.
ELECTRICAL SPECIFICATION RANGES
MODEL
INDUCTANCE RANGE1
(µH)
DC RESISTANCE RANGE2
(Ohms)
RATED CURRENT RANGE3
(Amps)
TJ3
1.2 - 1500
0.006 - 1.476
10.0 - 0.5
TJ4
1.2 - 1500
0.006 - 0.952
10.7 - 0.9
TJ5
1.2 - 1500
0.006 - 0.539
10.1 - 1.3
TJ6
1.2 - 2700
0.004 - 0.499
16.0 - 2.0
TJ7
1.2 - 2700
0.005 - 0.359
16.0 - 2.7
TJ8
1.5 - 3900
0.005 - 0.304
18.5 - 3.2
TJ9
1.5 - 5600
0.004 - 0.224
20.0 - 5.0
STANDARD ELECTRICAL SPECIFICATIONS in inches [millimeters]
MODEL
IND.
(µH)
TOL.
NOM.
DCR
(Ohms)
RATED
CUR-
RENT
(Amps)
NOM.
IND.
at 0 DC
AMPS
(µH)
INDUCTANCE SHIFT WITH DC CURRENT*
LEAD
DIAMETER
“A”
10 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
20 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
30 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
40 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
TJ3-XX
1.2
± 20 %
0.006
10.0
1.19
5.50
0.91
8.88
0.81
12.69
0.71
16.50
0.61
0.032 [0.813]
TJ3-XX
1.5
± 20 %
0.006
9.5
1.62
4.71
1.24
7.62
1.10
10.88
0.96
14.14
0.82
0.032 [0.813]
TJ3-XX
2.2
± 15 %
0.007
9.0
2.11
4.13
1.62
6.66
1.44
9.52
1.26
12.38
1.08
0.032 [0.813]
TJ3-XX
2.7
± 15 %
0.008
8.4
2.67
3.67
2.04
5.92
1.82
8.46
1.59
11.00
1.36
0.032 [0.813]
TJ3-XX
3.3
± 15 %
0.008
8.2
3.30
3.30
2.52
5.33
2.24
7.62
1.96
9.90
1.68
0.032 [0.813]
TJ3-XX
3.9
± 15 %
0.009
7.9
3.99
3.00
3.05
4.85
2.72
6.92
2.38
9.00
2.04
0.032 [0.813]
TJ3-XX
4.7
± 15 %
0.010
7.5
4.75
2.75
3.64
4.44
3.23
6.35
2.83
8.25
2.42
0.032 [0.813]
TJ3-XX
5.6
± 15 %
0.011
7.3
5.58
2.54
4.27
4.10
3.79
5.86
3.32
7.62
2.84
0.032 [0.813]
TJ3-XX
6.8
± 15 %
0.011
7.1
6.47
2.36
4.95
3.81
4.40
5.44
3.85
7.07
3.30
0.032 [0.813]
TJ3-XX
8.2
± 15 %
0.013
6.6
8.45
2.06
6.46
3.33
5.74
4.76
5.03
6.19
4.31
0.032 [0.813]
TJ3-XX
10.0
± 15 %
0.013
6.5
9.54
1.94
7.30
3.14
6.49
4.48
5.67
5.82
4.86
0.032 [0.813]
TJ3-XX
12.0
± 15 %
0.015
6.1
11.91
1.74
9.11
2.81
8.10
4.01
7.09
5.21
6.08
0.032 [0.813]
TJ3-XX
15.0
± 15 %
0.016
5.9
14.55
1.57
11.13
2.54
9.90
3.63
8.66
4.71
7.42
0.032 [0.813]
TJ3-XX
18.0
± 15 %
0.017
5.6
17.46
1.43
13.35
2.32
11.87
3.31
10.39
4.30
8.90
0.032 [0.813]
TJ3-XX
22.0
± 15 %
0.024
4.6
22.31
1.27
17.07
2.05
15.17
2.93
13.27
3.81
11.38
0.029 [0.737]
TJ3-XX
27.0
± 15 %
0.026
4.4
27.75
1.14
21.23
1.84
18.87
2.63
16.51
3.41
14.15
0.029 [0.737]
TJ3-XX
33.0
± 15 %
0.029
4.3
33.79
1.03
25.85
1.67
22.98
2.38
20.11
3.09
17.23
0.029 [0.737]
TJ3-XX
39.0
± 15 %
0.038
3.7
38.15
0.97
29.18
1.57
25.94
2.24
22.70
2.91
19.46
0.025 [0.635]
TJ3-XX
47.0
± 15 %
0.043
3.5
47.65
0.87
36.45
1.40
32.40
2.00
28.35
2.61
24.30
0.025 [0.635]
TJ3-XX
56.0
± 15 %
0.057
3.1
55.47
0.80
42.44
1.30
37.72
1.86
33.01
2.41
28.29
0.023 [0.584]
TJ3-XX
68.0
± 15 %
0.063
3.0
66.83
0.73
51.12
1.18
45.44
1.69
39.76
2.20
34.08
0.023 [0.584]
TJ3-XX
82.0
± 15 %
0.087
2.6
82.50
0.66
63.11
1.07
56.10
1.52
49.09
1.98
42.08
0.020 [0.508]
TJ3-XX
100.0 ± 15 %
0.097
2.4
99.83
0.60
76.37
0.97
67.88
1.38
59.40
1.80
50.91
0.020 [0.508]
TJ3-XX
120.0 ± 15 %
0.107
2.3
118.80
0.55
90.88
0.89
80.78
1.27
70.69
1.65
60.59
0.020 [0.508]
TJ3-XX
150.0 ± 15 %
0.146
1.9
148.14
0.49
113.32
0.80
100.73
1.14
88.14
1.48
75.55
0.018 [0.457]
TJ3-XX
180.0 ± 15 %
0.164
1.8
180.71
0.45
138.24
0.72
122.88
1.03
107.52
1.34
92.16
0.018 [0.457]
TJ3-XX
220.0 ± 15 %
0.225
1.5
221.89
0.40
169.75
0.65
150.89
0.93
132.03
1.21
113.16
0.016 [0.406]
TJ3-XX
270.0 ± 15 %
0.250
1.4
267.30
0.37
204.48
0.59
181.76
0.85
159.04
1.10
136.32
0.016 [0.406]
TJ3-XX
330.0 ± 15 %
0.342
1.2
330.00
0.33
252.45
0.53
224.40
0.76
196.35
0.99
168.30
0.014 [0.356]
TJ3-XX
390.0 ± 15 %
0.378
1.1
392.07
0.30
299.94
0.49
266.61
0.70
233.28
0.91
199.96
0.014 [0.356]
TJ3-XX
470.0 ± 15 %
0.510
1.0
467.31
0.28
357.49
0.45
317.77
0.64
278.05
0.83
238.33
0.013 [0.330]
TJ3-XX
560.0 ± 15 %
0.565
0.9
557.70
0.25
426.64
0.41
379.24
0.59
331.83
0.76
284.43
0.013 [0.330]
TJ3-XX
680.0 ± 15 %
0.637
0.8
684.29
0.23
523.48
0.37
465.32
0.53
407.15
0.69
348.99
0.013 [0.330]
TJ3-XX
820.0 ± 15 %
0.849
0.7
823.81
0.21
630.22
0.34
560.19
0.48
490.17
0.63
420.14
0.011 [0.279]
TJ3-XX 1000.0 ± 15 %
0.951
0.7
999.11
0.19
764.32
0.31
679.39
0.44
594.47
0.57
509.55
0.011 [0.279]
TJ3-XX 1200.0 ± 15 %
1.298
0.6
1203.87
0.17
920.96
0.28
818.63
0.40
716.30
0.52
613.98
0.010 [0.254]
TJ3-XX 1500.0 ± 15 %
1.476
0.5
1497.18
0.15
1145.34
0.25
1018.08
0.36
890.82
0.46
763.56
0.010 [0.254]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com