Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOS025016 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TOS025016
Description  Barrel-Style Capacitors - Class 1 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOS025016 Datasheet(HTML) 2 Page - Vishay Siliconix

  TOS025016 Datasheet HTML 1Page - Vishay Siliconix TOS025016 Datasheet HTML 2Page - Vishay Siliconix TOS025016 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TO. 016010, TO. 025016
Barrel-Style Capacitors - Class 1 Ceramic
Vishay Draloric
Document Number: 22085
For technical questions contact: powcap@vishay.com
www.vishay.com
Revision: 21-Nov-01
2
* The surface temperature of 100 °C must not be exceeded
CAPACITANCE TOLERANCES:
< 10 pF: ± 2 pF, ± 1 pF, ± 0.5 pF
≥ 10 pF: ± 20 %, ± 10 %, ± 5 %
TOF 016010, TOS 016010
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 7
1.5
5
3
max. 3
2
3
4
R 42
5
5
4
max. 4
6
7
8
10
12
16
R 85
20
5
4
max. 5
25
30
40
50
TOF 025016, TOS 025016
CERAMIC
CAPACITANCE VALUE
[pF]
RATED VOLTAGE
[KVP]
RATED POWER*
[KVAr]
RATED CURRENT
[ARMS]
R 7
2
95
max. 5
3
4
5
6
7
R 16
8
10
R 42
12
98
max. 6
16
20
25
R 85
30
9
10
max. 10
40
50
60
70
80
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com