Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOSW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TOSW
Description  Barrel-Style Capacitors for Dielectric Heating Equipment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOSW Datasheet(HTML) 1 Page - Vishay Siliconix

  TOSW Datasheet HTML 1Page - Vishay Siliconix TOSW Datasheet HTML 2Page - Vishay Siliconix TOSW Datasheet HTML 3Page - Vishay Siliconix TOSW Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Barrel-Style Capacitors for Dielectric Heating Equipment
www.vishay.com
For technical questions contact: powcap@vishay.com
Document Number: 22087
1
Revision: 19-Sep-02
TOSZ, TOSW
Vishay Draloric
TOSZ 120055 9 KVP
TOSZ 118078 30 KVP
TOSZ 080110 30 KVP
• Dimensions in millimeters (inches)
TOSZ 100110 30 KVp
ø 101
(3.976 DIA)
ø 126
(4.961 DIA)
60°
60°
M5 Threads
60
°
M4 Threads
60
°
M8 Thread
TOSZ 118100 30 KVp
ø 126
(4.961 DIA)
ø 118
(4.65 DIA)
ø 50
± 0.5
(1.97 DIA
± 0.02)
M4 Threads
M8 Thread
60
°
60
°
M5 Threads
60
°
60
°
TOSW 118115 13.5 KVp
ø 8 (0.315 DIA)
Copper tube
31
±0.5
(1.22
±0.02)
ø 126
(4.961 DIA)
ø 80
(3.150 DIA)
60
°
60
°
M5
Threads
60
°
60
°
M6 Threads
ORDERING INFORMATION
TOSZ 100110
30 KVp
50 pF
± 10 %
R 16 High Q
MODEL
RATED VOLTAGE
CAPACITANCE VALUE
TOLERANCE
CERAMIC


Similar Part No. - TOSW

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TOSW-230 MINI-TOSW-230 Datasheet
208Kb / 2P
Switch
TOSW-230+ MINI-TOSW-230+ Datasheet
208Kb / 2P
Switch
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
Switch
TOSW-425+ MINI-TOSW-425+ Datasheet
237Kb / 2P
Switch
logo
Vishay Siliconix
TOSW118115 VISHAY-TOSW118115 Datasheet
78Kb / 3P
Watercooled RF Power Barrel Capacitors for Dielectric Heating Equipment
21-Jan-16
More results

Similar Description - TOSW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOF016010 VISHAY-TOF016010 Datasheet
127Kb / 3P
Barrel-Style Capacitors - Class 1 Ceramic
21-Nov-01
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
Barrel-Style Capacitors - Class 1 and 2 Ceramic
29-Apr-02
TOSZ114096 VISHAY-TOSZ114096 Datasheet
140Kb / 2P
Barrel-Style Capacitors - Class 1 Ceramic
21-Nov-01
TDFZ125213 VISHAY-TDFZ125213 Datasheet
86Kb / 4P
RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
07-Sep-15
TOSW118115 VISHAY-TOSW118115 Datasheet
78Kb / 3P
Watercooled RF Power Barrel Capacitors for Dielectric Heating Equipment
21-Jan-16
TOSZ100110 VISHAY-TOSZ100110 Datasheet
74Kb / 3P
RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
11-Sep-15
TOSZ118078 VISHAY-TOSZ118078 Datasheet
81Kb / 3P
RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
11-Sep-15
TOSZ118100 VISHAY-TOSZ118100 Datasheet
78Kb / 3P
RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
11-Sep-15
TOSZ120055 VISHAY-TOSZ120055 Datasheet
83Kb / 3P
RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
11-Sep-15
logo
Taiyo Yuden (U.S.A.), I...
MSASP21GBB5107MTCA01 TAIYO-YUDEN-MSASP21GBB5107MTCA01 Datasheet
435Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
23M3B01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com