Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT15011DRL Datasheet(PDF) 6 Page - STMicroelectronics

Part # THBT15011DRL
Description  TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT15011DRL Datasheet(HTML) 6 Page - STMicroelectronics

  THBT15011DRL Datasheet HTML 1Page - STMicroelectronics THBT15011DRL Datasheet HTML 2Page - STMicroelectronics THBT15011DRL Datasheet HTML 3Page - STMicroelectronics THBT15011DRL Datasheet HTML 4Page - STMicroelectronics THBT15011DRL Datasheet HTML 5Page - STMicroelectronics THBT15011DRL Datasheet HTML 6Page - STMicroelectronics THBT15011DRL Datasheet HTML 7Page - STMicroelectronics THBT15011DRL Datasheet HTML 8Page - STMicroelectronics THBT15011DRL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
THBTxxx11D
6/9
APPLICATION NOTE
1
2
4
3
8
7
5
6
TIP
GND
RING
TIP
GND
RING
1
Connect pins 2, 3, 6 and 7 to Ground in
order to guarantee a good surge current
capability for long duration disturbances.
2
In order to take advantage of the" 4-point “
structure of the THBT, the TIP and RING
lines have to cross the device. In this case,
the device will eliminate the overvoltages
generated by the parasitic inductances of
the wiring (Ldi/dt), especially for very fast
transients.
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
1
2
3
4
5
6
7
8
9
10
I
(A)
TSM
F=50Hz
Tj initial=25°C
t(s)
Fig. 1: Surge peak current versus overload dura-
tion.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com