Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSP
Description  Molded, Commercial, Single In-Line Resistor Network (Standard)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSP Datasheet(HTML) 2 Page - Vishay Siliconix

  TSP Datasheet HTML 1Page - Vishay Siliconix TSP Datasheet HTML 2Page - Vishay Siliconix TSP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TSP
Molded, Commercial, Single In-Line
Resistor Network (Standard)
Vishay Thin Film
Document Number: 60037
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 05-Mar-08
73
DIMENSIONS AND IMPRINTING in inches and millimeters
“L”
A
Indicates
Pin #1
B
C
D
E
F
G
H
Vishay
Logo
Part
Number
Date
Code
“L” DIMENSION
INCHES
MM
A
0.035
0.89
B
0.040
1.02
C
0.100 ± 0.005 non-accum.
2.54 ± 0.13
D
0.019 ± 0.006 typical
0.48 ± 0.15
E
0.187 ± 0.010
4.75 ± 0.25
F
0.135
3.43
G
0.095
2.41
H
0.012 ± 0.004
0.31 ± 0.10
NUMBER OF PINS
6
8
10
“L” Dimensions
0.583 ± 0.015 0.783 ± 0.015 0.983 ± 0.015
(mm)
(14.81 ± 0.38) (19.89 ± 0.38) (24.97 ± 0.38)
CONSTRUCTION
High Purity
Alumina Substrate
Gold Plated
Copper Leads
Gold to Gold
Thermo-Compression Bond
(No Internal Solder)
Sputtered TAMELOX
Film System
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Alumina
Body Molded Epoxy
Terminals vopper alloy
Plating
Nickel/gold
Marking Resistance to Solvents
Per MIL-PRF-83401
Lead (Pb)-free Option
96.5 % Sn, 3.0 % Ag, 0.5 % Cu
Lead (Pb)-free Finish
Hot solder dip
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TSP6011002BUF (preferred part number format)
GLOBAL MODEL
(3 or 4 digits)
PIN COUNT
(1 or 2 digits)
SCHEMATICS
TCR
CHARACTERISTICS
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
TSP
(Tin lead)
TSPS
(Lead (Pb)-free)
(e1)
6
8
10
01 = 5, 7 or 9
resistors with
Pin 1 common
03 = 3, 4 or 5
isolated resistors
06 = 5, 7 or 9
series connected
*R = ± 25 ppm/°C
H = ± 50 ppm/°C
K = ± 100 ppm/°C
*01 Schematic
greater than
250
Ω only
First 3 digits are
significant
figures and the
last digit
specifies the
number of
zeroes to follow.
Absolute
*A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
*Z = 0.1 %
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
0.025 %
UF = Tubed
e.g: 1001 = 1K
1002 = 10K
* Tol. available on 1K and up
only. R1 is reference resistor.
Historical Part Number example: TSP803R1001F (will continue to be accepted)
TSP
8
03
R
1001
F
SERIES
PINS
SCHEMATIC
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
P
S
1
011
0
TS
02
C
0
UF
P6
1
1
0
TS
02
B
0
UF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com