Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT20011DRL Datasheet(PDF) 9 Page - STMicroelectronics

Part # THBT20011DRL
Description  TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT20011DRL Datasheet(HTML) 9 Page - STMicroelectronics

  THBT20011DRL Datasheet HTML 1Page - STMicroelectronics THBT20011DRL Datasheet HTML 2Page - STMicroelectronics THBT20011DRL Datasheet HTML 3Page - STMicroelectronics THBT20011DRL Datasheet HTML 4Page - STMicroelectronics THBT20011DRL Datasheet HTML 5Page - STMicroelectronics THBT20011DRL Datasheet HTML 6Page - STMicroelectronics THBT20011DRL Datasheet HTML 7Page - STMicroelectronics THBT20011DRL Datasheet HTML 8Page - STMicroelectronics THBT20011DRL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
THBTxxx11D
9/9
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners.
© 2003 STMicroelectronics - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany -
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain -
Sweden - Switzerland - United Kingdom - United States
www.st.com
Packaging : Products supplied in antistatic tubes
or tape and reel.
Weight : 0.077 g.
PACKAGE MECHANICAL DATA.
SO-8 Plastic
L
E
D
8
4
5
1
M
S
c1
e
b
e3
A
C
a1
b
a3
1
a2
F
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25 0.004
0.010
a2
1.65
0.065
b
0.35
0.48 0.014
0.019
b1
0.19
0.25 0.007
0.010
C
0.50
0.020
c1
45° (typ)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.15
0.157
L
0.4
1.27 0.016
0.050
M
0.6
0.024
S8
° (max)
6.8
4.2
1.27
0.6
FOOT PRINT DIMENSIONS (in millimeters)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com