Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP117 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TIP117
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP117 Datasheet(HTML) 1 Page - STMicroelectronics

  TIP117 Datasheet HTML 1Page - STMicroelectronics TIP117 Datasheet HTML 2Page - STMicroelectronics TIP117 Datasheet HTML 3Page - STMicroelectronics TIP117 Datasheet HTML 4Page - STMicroelectronics TIP117 Datasheet HTML 5Page - STMicroelectronics TIP117 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP110/112
TIP115/117
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
s
MONOLITHIC DARLINGTON
CONFIGURATION
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
APPLICATIONS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The
TIP110
and
TIP112
are
silicon
Epitaxial-Base NPN transistors in monolithic
Darlington
configuration
mounted
in
Jedec
TO-220 plastic package. They are intented for
use in medium power linear and switching
applications.
The complementary PNP types are TIP115 and
TIP117.
INTERNAL SCHEMATIC DIAGRAM
R1 Typ.= 7K
R2 T yp.= 230
June 1999
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
NPN
TIP110
TIP112
PNP
TIP115
TIP117
VCBO
Collect or-Base Voltage (IE =0)
60
100
V
VCEO
Collect or-Emitter Voltage (IB =0)
60
100
V
VEBO
Emitter-Base Voltage (IC =0)
5
V
IC
Collect or Current
2
A
ICM
Collect or Peak Current
4
A
IB
Base Current
50
mA
Ptot
Tot al Dissipation at Tcas e
≤ 25 oC
Tamb
≤ 25 oC
50
2
W
W
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
* For PNP types voltage and current values are negative
®
1/6


Similar Part No. - TIP117

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP117 MOSPEC-TIP117 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP117 MOTOROLA-TIP117 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP117 ONSEMI-TIP117 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP117 POINN-TIP117 Datasheet
160Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
TIP117 TRSYS-TIP117 Datasheet
722Kb / 5P
PNP SILICON POWER DARLINGTONS
More results

Similar Description - TIP117

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com