Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP135 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TIP135
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP135 Datasheet(HTML) 2 Page - STMicroelectronics

  TIP135 Datasheet HTML 1Page - STMicroelectronics TIP135 Datasheet HTML 2Page - STMicroelectronics TIP135 Datasheet HTML 3Page - STMicroelectronics TIP135 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
1.78
63. 5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
ICEO
Collector Cut -of f
Current (IB =0)
VCE = Half Rated VCEO
0. 5
mA
ICBO
Collector Cut -of f
Current (IE =0)
VCB =Rated VCBO
0. 2
mA
IEBO
Emitter Cut-off Current
(IC =0)
VEB =5 V
5
mA
VCEO(sus )* Collector-Emitter
Sustaining Voltage
(IB =0)
IC =30 mA
for TIP135
for T IP132/T IP137
60
100
V
V
VCE(sat)*
Collector-Emitter
Sat uration Volt age
IC =4 A
I B =16 mA
IC =6 A
I B =30 mA
2
4
V
V
VBE *
Base-Emitter Voltage
IC =4 A
VCE =4 V
2. 5
V
hFE*
DC Current Gain
IC =1 A
VCE =4 V
IC =4 A
VCE =4 V
500
1000
15000
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
For PNP types voltage and current values are negative.
Power Derating Curve
Safe Operating Areas
TIP132 / TIP135 / TIP137
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com