Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PWB
Description  Thin Film Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PWB Datasheet(HTML) 2 Page - Vishay Siliconix

  PWB Datasheet HTML 1Page - Vishay Siliconix PWB Datasheet HTML 2Page - Vishay Siliconix PWB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PWB
www.vishay.com
Vishay Electro-Films
Revision: 04-Mar-13
2
Document Number: 61021
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
0.070" x 0.070" ± 0.005" (1.781 mm x 1.781 mm ± 0.127 mm)
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Substrate Material
Oxidized silicon, 10 kÅ minimum SiO2
Resistor Material
Tantalum nitride, self-passivating
Bonding Pad Size
0.005" x 0.010" (0.127 mm x 0.254 mm) minimum
Number of Pads
2
Pad Material
10 kÅ minimum aluminum (Au optional)
Backing
None, lapped semiconductor silicon (Au back optional)
GLOBAL PART NUMBER INFORMATION
Global Part Number:
PWB50000FKANHWS
PWB12500KCGGKWS
Global Part Number Description:
PWB 5K 1 % 100 ppm Al None H WS
PWB 1.25K 10 % 100 ppm Au Au K WS
MODEL
RESISTANCE
RESISTANCE
MULTIPLIER
CODE
TOLERANCE
CODE
(%)
TCR
(ppm/°C)
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
PWB
70 x 70
size
Power
resistor
First 4 digits are
significant figures
of resistance
D = 0.0001
C = 0.001
B = 0.01
A = 0.1
0 = 1
1 = 10
D = 0.5
F = 1.0
G = 2.0
J = 5.0
K = 10
C = ± 50
K = ± 100
M = ± 250
Z = + 600/
- 100
G = Au
A = Al
G = Au
N = None
H = Class H
K = Class K
WS = Waffle pack
100 min, 1 mult
0.070
0.063
0.072
0.005
TYPICAL RANGE
240
Ω to 20 kΩ
0.010
0.070
0.063
0.072
0.005
TYPICAL RANGE
R < 240
Ω
00
0
F
A
N
H
K
5
WS
B
PW
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com