Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NH005 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # NH005
Description  Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NH005 Datasheet(HTML) 4 Page - Vishay Siliconix

  NH005 Datasheet HTML 1Page - Vishay Siliconix NH005 Datasheet HTML 2Page - Vishay Siliconix NH005 Datasheet HTML 3Page - Vishay Siliconix NH005 Datasheet HTML 4Page - Vishay Siliconix NH005 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 30201
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 11-Jul-07
157
RH, NH
Wirewound Resistors, Military, MIL-PRF-18546 Qualified,
Type RE, Aluminum Housed, Chassis Mount
Vishay Dale
MATERIAL SPECIFICATIONS
Element:
Copper-nickel
alloy
or
nickel-chrome
alloy,
depending on resistance value
Core: Ceramic, steatite or alumina, depending on physical
size
Encapsulant: Silicone molded construction
Housing: Aluminum with hard anodic coating
End Caps: Stainless steel
Standard Terminals: For RH-5 through RH-50 size terminal
finish - Tin/lead is 60/40 Sn/Pb w/Nickel underplate and
Lead (Pb)-free is Ni/Pd/Au, finish is on copper clad steel core
terminal. For RH-100 and RH-250 terminals are threaded
stainless steel.
Note:
Military (RE) parts are only available with tin/lead finish
Part Marking: DALE, model, wattage, value, tolerance, date
code
NH NON-INDUCTIVE
Models of equivalent physical and electrical specifications
are available with non-inductive (Aryton-Perry) winding.
They are identified by substituting the letter N for R in the
model number (NH-5, for example).
SPECIAL MODIFICATIONS
A number of special modifications to the aluminum housed
resistor
style
are
available
upon
request.
Special
modifications include:
• Terminal configurations and materials
• Resistance values and tolerances
• Low resistance temperature coefficient (RTC)
• Housing configuration
• Threaded mounting holes
• Preconditioning and other additional testing
APPLICABLE MIL SPECIFICATIONS
MIL-PRF-18546
is
the
military
specification
covering
aluminum housed, chassis mount, power resistors. VISHAY
RH and NH resistors are listed as qualified on the
MIL-PRF-18546 QPL.
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
Rated power applied until thermally stable, then a minimum of 15 min at - 55 °C
± (0.5 % + 0.05
Ω) ΔR
Short Time Overload
5 x rated power for 5 s
± (0.5 % + 0.05
Ω) ΔR
Dielectric Withstanding
Voltage
1000 Vrms for RH-5, RH-10 and RH-25; 2000 Vrms for RH-50
4500 Vrms for RH-100 and RH-250; duration 1 min
± (0.2 % + 0.05
Ω) ΔR
Temperature
250 °C for 2 h
± (0.5 % + 0.05
Ω) ΔR
Moisture Resistance
MIL-STD-202 Method 106, 7b not applicable
± (1.0 % + 0.05
Ω) ΔR
Shock, Specified Pulse
MIL-STD-202 Method 213, 100 g's for 6 ms, 10 shocks
± (0.2 % + 0.05
Ω) ΔR
Vibration, High Frequency
Frequency varied 10 to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.2 % + 0.05
Ω) ΔR
Load Life
1000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.05
Ω) ΔR
Terminal Strength
30 s, 5 pound pull test for RH-5 and RH-10, 10 pound pull test for other sizes,
torque test - 24 pound inch for RH-100 and 32 pound inch for RH-250
± (0.2 % + 0.05
Ω) ΔR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com