Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJU Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RJU
Description  Metal Oxide Resistors, Special Purpose High Power, Ultra High Value
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RJU Datasheet(HTML) 2 Page - Vishay Siliconix

  RJU Datasheet HTML 1Page - Vishay Siliconix RJU Datasheet HTML 2Page - Vishay Siliconix RJU Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
145
RJU
Vishay Dale
Document Number: 31035
Revision 09-Sep-04
For Technical Questions, contact, ff2aresistors@vishay.com
DIMENSIONS in inches [millimeters]
GLOBAL MODEL
RJU040
RJU050
RJU070
RJU095
RJU095..1
RJU140
RJU140..1
RJU275
RJU275..1
RJU150
RJU150..1
RJU400
* Dimensional tolerances are ± 0.016 [0.406mm] or ± 1%, whichever is greater.
D
N/A
N/A
N/A
N/A
0.812
[20.62]
N/A
0.812
[20.62]
N/A
1.140
[28.96]
N/A
1.140
[28.96]
N/A
1.140
[28.96]
C
0.500
[12.70]
0.500
[12.70]
0.500
[12.70]
0.750
[19.05]
N/A
0.750
[19.05]
N/A
1.130
[28.70]
N/A
1.560
[39.62]
N/A
1.560
[39.62]
N/A
STYLE
3
3
3
3
4
3
4
3
4
3
4
3
4
A
4.500
[114.30]
6.000
[152.40]
8.000
[203.20]
6.500
[165.10]
7.690
[195.33]
10.500
[266.70]
11.690
[296.93]
14.500
[368.30]
15.690
[398.53]
6.500
[165.10]
7.690
[195.33]
18.500
[469.90]
19.690
[500.13]
B*
0.750
[19.05]
0.750
[19.05]
0.750
[19.05]
1.130
[28.70]
1.130
[28.70]
1.130
[28.70]
1.130
[28.70]
1.500
[38.10]
1.500
[38.10]
2.000
[50.80]
2.000
[50.80]
2.000
[50.80]
2.000
[50.80]
0.313
[7.95]
0.172 [4.37]
Dia.
Style 4
B
0.781
[19.84]
A
0.516 [13.11]
B
D
Style 3
AC
Metal Oxide Resistors, Special Purpose
0
25
50
75
100
125
150
175
200
225
250
AMBIENT TEMPERATURE IN ˚C
DERATING
120
100
80
60
40
20
0
RJU400..1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com