Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RMB
Description  Molded Precision Wirewound Resistors Axial Leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMB Datasheet(HTML) 2 Page - Vishay Siliconix

  RMB Datasheet HTML 1Page - Vishay Siliconix RMB Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RMB, RMBS
www.vishay.com
Vishay Sfernice
Revision: 23-Sep-13
2
Document Number: 50010
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
Undergoes European Quality Insurance System (CECC)
TECHNICAL SPECIFICATIONS
VISHAY SFERNICE SERIES AND STYLE
RMB0.75
RMB1.5
RMB3
RMBS0.5
RMBS1
RMBS2
NF C 83-210
-
-
-
RP1
RP2
RP3
CECC 40201-005
-
-
-
A
B
C
Power Rating
at 25 °C
0.75 W
1.5 W
3 W
0.5 W
1 W
2 W
at 70 °C
0.6 W
1.2 W
2.4 W
0.4 W
0.8 W
1.6 W
Ohmic Range in
Relation to
Tolerance
± 5 % E24
0.1
 to
2 k
0.1
 to
6.81 k
0.051
 to
13 k
0.1
 to
2 k
0.1
 to
6.81 k
0.015
 to
13 k
± 2 % E48
0.1
 to
2 k
0.1
 to
6.81 k
0.08
 to
12.3 k
0.1
 to
2 k
0.1
 to
6.81 k
0.078
 to
12.4 k
± 1 % E96
0.1
 to
2 k
0.1
 to
6.81 k
0.1
 to
12.4 k
0.1
 to
2 k
0.1
 to
6.81 k
0.1
 to
12.4 k
± 0.5 % E96
0.4
 to
2 k
0.4
 to
6.81 k
0.3
 to
12.4 k
0.4
 to
2 k
0.4
 to
6.81 k
0.3
 to
12.4 k
± 0.1 %
Please consult Vishay Sfernice
Qualified Ohmic Range NF C 83-210
-
-
-
1
 to 174 
1
 to 590 
1
 to 1.3 k
Limiting Element Voltage
Not applicable
120 V
200 V
Not applicable
120 V
200 V
Critical Resistance
Out of nominal ohmic range
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
TYPICAL VALUES AND DRIFTS
MIL-R-26 E
NF C 83-210
RMB
RMBS
Dielectric W/s Voltage
500 VRMS
± (0.1 % + 0.05
)
-
± (0.05 % + 0.01
) ± (0.05 % + 0.01 )
Short Time Overload
5 Pn at 25 °C/5 s
± (0.2 % + 0.05
)
± 0.25 % + 0.05
± (0.1 % + 0.01
) ± (0.05 % + 0.01 )
Climatic Sequence
NF C 83-210
-55 °C / +200 °C
5 cycles
-
± 0.25 % + 0.05
Insulation R > 100 M
± (0.1 % + 0.01
)
> 104 M
± (0.05 % + 0.01
)
> 104 M
Humidity
(Steady State)
NF C 83-210
56 days 95 % RH
-
± 0.25 % + 0.05
Insulation R > 100 M
± (0.1 % + 0.01
)
> 104 M
± (0.05 % + 0.01
)
> 104 M
Thermal Shock
Load at 100 % P followed
by cold temp. exposure
at -55 °C
± (0.2 % + 0.05
)
-
± (0.2 % + 0.01
)
(0.1 % + 0.01
)
Vibration
MIL-STD-202
Method 204 - Test D: 20 g
10/2000 Hz
± (0.2 % + 0.05
)
± 0.25 % + 0.05
± (0.01 % + 0.01
) ± (0.01 % + 0.01 )
Load Life
MIL-STD-202
Method 108 Pr 2000 h
± (0.5 % + 0.05
)
± 0.25 % + 0.05
1000 h at 25 °C
± (1 % + 0.01
)
± (0.15 % + 0.01
)
Moisture Resistance
MIL-STD-202
Method 106
± (0.2 % + 0.05
)
Insulation resistance
> 100 M
-
± (0.1 % + 0.01
)
> 103 M
± (0.05 % + 0.01
)
> 103 M
High Temperature
1000 h at +200 °C
± (0.5 % + 0.05
)
± 0.5 % + 0.05
Insulation R > 1 G
± 1 %
± 0.3 %
Shock
MIL-STD-202
100 g Method 205 Test C
± (0.1 % + 0.05
)
± 0.25 % + 0.05
± 0.05 %
± 0.05 %
TEMPERATURE COEFFICIENT IN THE RANGE -55 °C TO +200 °C
OHMIC RANGE
REQUIREMENTS
NF C 83-210 MIL-R-26E
TYPICAL VALUES
SFERNICE
MIL
Rn < 1
 ± 100 ppm/°C
± 50 ppm/°C
1
 R
n < 10
 ± 50 ppm/°C
Rn  10
 ± 25 ppm/°C
+0 °C to -20 ppm/°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com