Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT55 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT55
Description  Wirewound Rheostat/Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT55 Datasheet(HTML) 2 Page - Vishay Siliconix

  RT55_08 Datasheet HTML 1Page - Vishay Siliconix RT55_08 Datasheet HTML 2Page - Vishay Siliconix RT55_08 Datasheet HTML 3Page - Vishay Siliconix RT55_08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 50027
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 24-Sep-08
86
RT55
Wirewound Rheostat/Potentiometer
Vishay Sfernice
LOCKING DEVICE
This is supplied as an option. The available spindle length is
according to the panel thickness.
Order reference: DBA6
ADAPTATION BOARD
This enables 2 point mounting instead of bush mounting. The
adaptation board is supplied as an option with 2 mounting
screws.
For any special requirement on request: spindle flats, etc.
Please supply detailed drawing.
MARKING
SFERNICE trademark, series, style, ohmic value (in
Ω or kΩ), tolerance (in %), maximum current in A, manufacturing date
SPINDLES
Ø
mm
DISTANCE TO MOUNTING
PLATE mm
SCREW DRIVER
SLOT
CODE
6
22
WITHOUT
AD
WITH
ADF
25
WITHOUT
AS
WITH
ASF
50
WITHOUT
AL
1 ± 0.2
2 tightening screws
spanner no 14
max. panel thickness
13
6.5
PARTICULAR CHARACTERISTICS
NOMINAL
RESISTANCE
Ω
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
A
1
7.41
7.41
1.5
9.08
6.05
2.2
11
5
3.3
4.7
6.8
4.7
16.1
3.42
6.8
19.3
2.84
10
23.5
2.35
15
28.7
1.91
22
34.8
1.58
33
42.6
1.29
47
50.8
1.08
68
61.2
0.9
100
74.1
0.74
150
90.8
0.6
220
110
0.5
330
135
0.4
470
161
0.34
680
193
0.28
1K
235
0.23
1.5K
287
0.19
2.2K
348
0.16
3.3K
426
0.13
4.7K
500
0.11
5.6K
500
0.09
10K
500
0.05
4 holes Ø 3,5
2 holes Ø 4.5
Ø12
47
65
78
78
65
0
1
2
3
4
5
6
7
8
9
10
DIAL CG78 (OPTION)
21
Ø 56
18
Ø6
COMMAND KNOB 41JF (OPTION)
ORDERING INFORMATION
VITREOUS
RT
55
L
AS
4K7
± 10 %
B01
e
SERIES STYLE SPINDLE
LOCKING
DEVICE
Optional
VARIATION
LAW
SPECIAL
DESIGN
Method N°
Optional
WINDING
Optional
SPINDLE
(Code)
for special
spindles please
supply detailed
drawing
OHMIC
VALUE
TOLERANCE PACKAGING
LEAD
(Pb)-FREE
ACC
BOUTON
CADIAN
CG78
41JF
e
ACCESORIES
MODEL
TYPE
STYLE
LEAD (Pb)-FREE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com