Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP34C Datasheet(PDF) 2 Page - STMicroelectronics

Part # TIP34C
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP34C Datasheet(HTML) 2 Page - STMicroelectronics

  TIP34C Datasheet HTML 1Page - STMicroelectronics TIP34C Datasheet HTML 2Page - STMicroelectronics TIP34C Datasheet HTML 3Page - STMicroelectronics TIP34C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.56
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 140 V
400
µA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 60 V
0.7
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 30 mA
100
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 3 A
IB = 0.3 A
IC = 10 A
IB = 2.5 A
1
4
V
V
VBE(on)
∗ Base-Emitter Voltage
IC = 3 A
VCE = 4 V
IC = 10 A
VCE = 4 V
1.6
3
V
V
hFE
DC Current Gain
IC = 1 A
VCE = 4 V
IC = 3 A
VCE = 4 V
40
20
100
hfe
Small Signal Current
Gain
IC = 0.5 A
VCE = 10 V
f = 1 KHz
20
fT
Transition frequency
IC = 0.5 A
VCE = 10 V
f = 1 MHz
3
MHz
ton
ts
tf
RESISTIVE LOAD
Turn-on Time
Storage Time
Fall Time
VCC = 30V
IC = 6 A
VBB = - 6 V
IB1 = - IB2 = 0.6 A
tp = 20
µs
0.6
0.4
1
µs
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
TIP33C / TIP34C
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com