Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VTF
Description  Conformal, Single In-Line Resistor Networks (Custom)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTF Datasheet(HTML) 2 Page - Vishay Siliconix

  VTF Datasheet HTML 1Page - Vishay Siliconix VTF Datasheet HTML 2Page - Vishay Siliconix VTF Datasheet HTML 3Page - Vishay Siliconix VTF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VTF (Custom)
Vishay Thin Film Conformal, Single In-Line Resistor Networks (Custom)
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60041
86
Revision: 16-May-07
DIMENSIONS AND IMPRINTING in inches and millimeters
Note
1. H dimension, R-Value and Schematic dependent
Part #
Date Code
VISHAY Logo
“H” Max
“L” Max
E
F
AB
C
D
Pin #1
DIMENSION
INCHES
MM
A
0.058 Typ.
1.47 Typ.
B
0.100 Typ.
2.54 Typ.
C
0.020 ± 0.003
0.51 ± 0.08
D
0.125 Min.
3.18 Min.
E
0.110 Max.
2.79 Max.
F
0.010 Typ.
0.25 Typ.
NUMBER
OF PINS
LENGTH (L)
HEIGHT (H)
INCHES
MM
INCHES
MM
3
0.320
8.13
0.2801)
71)
4
0.420
10.67
5
0.520
13.21
6
0.620
15.75
7
0.720
18.29
8
0.820
20.83
9
0.920
23.37
10
1.020
25.91
MECHANICAL SPECIFICATIONS
Resistive Elements
Passivated Nichrome
Substrate Material
Alumina
Body
Epoxy
Terminals
Copper
Plating
Sn60
Marking Resistance to Solvents
per MIL-PRF-8340
Lead (Pb)-free Option
96.5 % Sn, 3.0 % Ag, 0.5 % Cu
Lead (Pb)-free Finish
Hot Solder Dip
ORDERING INFORMATION CHECK LIST (CUSTOMS)
Special requirements should be identified in advance, but as a minimum, you should have the following information ready.
ELECTRICAL
MECHANICAL
1. Resistors, by value and tolerance
2. Reference resistor(s) and matching of which resistors to which
reference resistors
3. Resistance by ratio
4. Absolute temperature coefficient of resistivity
5. Temperature tracking of subordinate resistors to reference
resistor(s)
6. Maximum operating voltage
7. Resistor power ratings
8. Operating temperature range
1. Maximum allowable seated height (from PC board to top of
network)
2. Special marking concerns
3. Schematic pin out of package
4. Specify if lead (Pb)-free
For additional assistance refer to VISHAY Thin Film’s Guide to Understanding Thin Film Precision,
Resistor Networks or call Applications Engineering.
All standard products may be ordered directly from VISHAY Thin Film.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com