Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31C Datasheet(PDF) 2 Page - STMicroelectronics

Part # TIP31C
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP31C Datasheet(HTML) 2 Page - STMicroelectronics

  TIP31C Datasheet HTML 1Page - STMicroelectronics TIP31C Datasheet HTML 2Page - STMicroelectronics TIP31C Datasheet HTML 3Page - STMicroelectronics TIP31C Datasheet HTML 4Page - STMicroelectronics TIP31C Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3.12
62. 5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ICEO
Collector Cut-of f
Current (IB =0)
for T IP31A/ 32A
VCE =30 V
for T IP31C/ 32B/32C
VCE =60 V
0. 3
0. 3
mA
mA
ICES
Collector Cut-of f
Current (VBE =0)
for T IP31A/ 32A
VCE =60 V
for T IP/ 32B
VCE =80 V
for T IP31C/ 32C
VCE =100 V
0. 2
0. 2
0. 2
mA
mA
mA
IEBO
Emitter Cut-of f Current
(IC =0)
VEB =5 V
1
mA
VCEO(s us)
∗ Collector-Emitter
Sustaining Volt age
(IB =0)
IC =30 mA
for TIP31A/32A
for TIP32B
for TIP31C/32C
60
80
100
V
V
V
VCE(sat)
∗ Collector-Emitter
Sat uration Voltage
IC =3 A
IB =375 mA
1. 2
V
VBE(on)
∗ Base-Emitter Voltage
IC =3 A
VCE =4 V
1. 8
V
hFE
∗
DC Current G ain
IC =1 A
VCE =4 V
IC =3 A
VCE =4 V
25
10
50
hfe
Small Signall Current
Gain
IC =0.5 A
VCE =10 V f = 1 KHz
IC =0.5 A
VCE =10 V f = 1 MHz
20
3
∗ Pulsed : pulse duration = 300 µs, duty cycle ≤ 2%
For PNP types voltage and current values are negative.
Safe Operating Area
Derating Curves
TIP31A/TIP31C/TIP32A/TIP32B/TIP32C
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com