Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL061 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL061
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061 Datasheet(HTML) 4 Page - STMicroelectronics

  TL061 Datasheet HTML 1Page - STMicroelectronics TL061 Datasheet HTML 2Page - STMicroelectronics TL061 Datasheet HTML 3Page - STMicroelectronics TL061 Datasheet HTML 4Page - STMicroelectronics TL061 Datasheet HTML 5Page - STMicroelectronics TL061 Datasheet HTML 6Page - STMicroelectronics TL061 Datasheet HTML 7Page - STMicroelectronics TL061 Datasheet HTML 8Page - STMicroelectronics TL061 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
VCC =
± 15V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
TL061AC,AI,AM
TL061BC,BI,BM
Unit
Min.
Typ. Max.
Min.
Typ. Max.
Vio
Input Offset Voltage (Rs =50
Ω)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
36
7.5
23
5
mV
DVio
Temperature Coefficient of Input Offset Voltage
(Rs =50
Ω)10
10
µV/oC
Iio
Input Offset Current *
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
5
100
3
5
100
3
pA
nA
Iib
Input Bias Current *
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
30
200
7
30
200
7
pA
nA
Vicm
Input Common Mode Voltage Range
±11.5 +15
-12
±11.5 +15
-12
V
VOPP
Output Voltage Swing (RL = 10k
Ω)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
20
20
27
20
20
27
V
Avd
Large Signal Voltage Gain (RL = 10k
Ω,Vo = ± 10V)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
4
4
64
4
6
V/mV
GBP
Gain Bandwidth Product
(Tamb =25
oC, RL = 10kΩ,CL = 100pF)
1
1
MHz
Ri
Input Resistance
10
12
10
12
Ω
CMR
Common Mode Rejection Ratio
(Rs =50
Ω,Tamb =25oC)
80
86
80
86
dB
SVR
Supply Voltage Rejection Ratio
(Rs =50
Ω,Tamb =25oC)
80
95
80
95
dB
Icc
Supply Current, no Load
(Tamb =25
oC, no load, no signal)
200
250
200
250
µA
PD
Total Power Consumption
(Tamb =25
oC, no load, no signal)
6
7.5
6
7.5
mW
SR
Slew Rate (Vi = 10V, RL = 10k
Ω,CL = 100pF, AV = 1)
1.5
3.5
1.5
3.5
V/
µs
tr
Rise Time (Vi = 20mV, RL = 10k
Ω,CL = 100pF, AV = 1)
0.2
0.2
µs
KOV
Overshoot Factor (Vi = 20mV, RL = 10k
Ω,CL = 100pF,
AV = 1) - (see figure 1)
10
10
%
en
Equivalent Input Noise Voltage
(Rs = 100
Ω, f = 1KHz)
42
42
nV
√
Hz
* The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive.
Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
TL061 - TL061A - TL061B
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com