Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL766B-2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL766B-2
Description  Optocoupler, Photodarlington Output, AC Input, Internal RBE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL766B-2 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL766B-2 Datasheet HTML 1Page - Vishay Siliconix IL766B-2 Datasheet HTML 2Page - Vishay Siliconix IL766B-2 Datasheet HTML 3Page - Vishay Siliconix IL766B-2 Datasheet HTML 4Page - Vishay Siliconix IL766B-2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83644
2
Rev. 1.4, 09-Nov-05
IL766B
Vishay Semiconductors Optocoupler, Photodarlington Output, AC
Input, Internal RBE
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
COUPLER
UL Isolation test voltage
VISO
5300
VRMS
Total power dissipation
t = 1.0 s
Ptot
250
mW
Derate linearly from 25 °C
3.3
mW/°C
Creepage
≥ 7min
Clearance
≥ 7min
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 150
°C
Lead soldering time at 260 °C
10
s
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 10 mA
VF
1.25
1.5
V
OUTPUT
Collector emitter breakdown voltage
IC = 10 mA, IF = 0 A
BVCEO
60
V
Collector emitter leakage current
VCE = 10 V, IF = 0 A
ICEO
1.0
100
nA
COUPLER
Collector emitter, saturation voltage
IC = ± 1.0 mA, IF = ± 10 mA
VCEsat
1.0
V
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Saturation voltage, collector emitter
IC = ± 1.0 mA, VCE = 5.0 V
IL766B-1
CTR
400
%
IC = ± 1.0 mA, VCE = 5.0 V
IL766B-2
CTR
900
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-off time
VCC = 5.0 V, IF = ± 2.0 mA, RL = 100 Ω
toff
200
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com