Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL766-2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL766-2
Description  Optocoupler, Photodarlington Output, AC Input, Internal RBE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL766-2 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL766-2 Datasheet HTML 1Page - Vishay Siliconix IL766-2 Datasheet HTML 2Page - Vishay Siliconix IL766-2 Datasheet HTML 3Page - Vishay Siliconix IL766-2 Datasheet HTML 4Page - Vishay Siliconix IL766-2 Datasheet HTML 5Page - Vishay Siliconix IL766-2 Datasheet HTML 6Page - Vishay Siliconix IL766-2 Datasheet HTML 7Page - Vishay Siliconix IL766-2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VISHAY
IL766/ ILD766
Document Number 83643
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Current Transfer Ratio
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
DC Current Transfer Ratio
VCE = 5.0 V, IF = ± 2.0 mA,
CTRDC
500
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Rise time, fall time
VCC = 10 V, IF = ± 2.0 mA, RL = 100 Ω
tr, tf
100
µs
Figure 1. Input Characteristics
Figure 2. Transistor Current vs. Voltage
iil766_01
Input Voltage - VF (V)
60
40
20
0
-20
-40
-60
-2.0
-1.0
0
1.0
2.0
il766_02
Collector Voltage (V)
0
10
2030
40
50607080
90 100
100
90
80
70
60
50
40
30
20
10
0
iil766_02
Figure 3. Transistor Output Current vs. Voltage
Figure 4. ICEO at VCE = 10 V vs. Temperature
iil766_03
VCE Collector Voltage (V)
iil766_03
0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
200
180
160
140
120
100
80
60
40
20
0
l766_04
Temperature (°C)
0
25
50
75
100
125
4
3
2
10
10
10
10
1
1
iil766_04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com