Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DSM
Description  High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DSM Datasheet(HTML) 2 Page - Vishay Siliconix

  DSM Datasheet HTML 1Page - Vishay Siliconix DSM Datasheet HTML 2Page - Vishay Siliconix DSM Datasheet HTML 3Page - Vishay Siliconix DSM Datasheet HTML 4Page - Vishay Siliconix DSM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSM
Vishay Foil Resistors High Precision Bulk Metal
® Foil Surface Mount Voltage
Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance
Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63088
2
Revision: 05-Jun-07
FIGURE 2 - POWER DERATING CURVE
FIGURE 4 - TRIMMING TO VALUES
(Conceptual Illustration)
125
- 55
90
80
- 60
- 40
- 20
0
20
40
60
80
100
120
70
140
70
60
50
40
30
20
10
0
100
110
Ambient Temperature (°C)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - RECOMMENDED LAND
FIGURE 5 - TYPICAL TCR CURVE
(For more details, see table 1)
0.063 ± 0.004
(1.6 ± 0.1)
0.100 ± 0.004
(2.54 ± 0.1)
- 55
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
± 2 ppm/°C
(+ 25 °C reference)
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
∆R
R
(ppm)
Ambient Temperature (°C)
FIGURE 6 - DIMENSIONS AND IMPRINTING
DIMENSIONS
L
W
H
P
TW
TH
S
t
INCHES
0.160 ± 0.008 0.106 ± 0.008 0.063 ± 0.008 0.031 ± 0.005
0.031 ± 0.004
0.043 ± 0.008
0.100 ± 0.008
0.005 ± 0.002
MILLIMETERS
4.06 ± 0.20
2.69 ± 0.20
1.60 ± 0.20
0.79 ± 0.13
0.79 ± 0.10
1.09 ± 0.20
2.54 ± 0.20
0.13 ± 0.05
w
P
P
t
L
S
TW
TW
W
E
I
V
T
N
O
R
F
W
E
I
V
E
D
I
S
STAND OFF
BOTTOM VIEW
1
2
3
10K Q 10K
V B0219
VALUE R1
Note:
R1 - between PIN1 and PIN3
R2 - between PIN 2 and PIN3
RATIO TOLERANCE CODE
VALUE R2
DATE CODE
TOP VIEW
1
2
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com