Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSMZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DSMZ
Description  Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DSMZ Datasheet(HTML) 2 Page - Vishay Siliconix

  DSMZ Datasheet HTML 1Page - Vishay Siliconix DSMZ Datasheet HTML 2Page - Vishay Siliconix DSMZ Datasheet HTML 3Page - Vishay Siliconix DSMZ Datasheet HTML 4Page - Vishay Siliconix DSMZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSMZ (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Bulk Metal® Z-Foil Surface Mount
Voltage Divider, TCR Tracking of < 0.1 ppm/°C, PCR of
± 5 ppm at Rated Power and Stability of ± 0.005 % (50 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63121
2
Revision: 06-Aug-07
FIGURE 3 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 4 - TYPICAL Z-FOIL TCR CURVE
(For more details, see table 1)
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 5 - DIMENSIONS AND IMPRINTING
DIMENSIONS
L
W
H
P
TW
TH
S
t
INCHES
0.160 ± 0.008 0.106 ± 0.008 0.063 ± 0.008 0.031 ± 0.005
0.031 ± 0.004
0.043 ± 0.008
0.100 ± 0.008
0.005 ± 0.002
MILLIMETERS
4.06 ± 0.20
2.69 ± 0.20
1.60 ± 0.20
0.79 ± 0.13
0.79 ± 0.10
1.09 ± 0.20
2.54 ± 0.20
0.13 ± 0.05
FIGURE 6 - RECOMMENDED LAND PATTERN
w
P
P
t
L
S
TW
TW
W
E
I
V
T
N
O
R
F
W
E
I
V
E
D
I
S
STAND OFF
BOTTOM VIEW
10K Q 10K
V B0219
VALUE R1
RATIO TOLERANCE CODE
VALUE R2
DATE CODE
TOP VIEW
1
2
3
Note:
R1 - between PIN1 and PIN3
R2 - between PIN2 and PIN3
0.063 ± 0.004
(1.6 ± 0.1)
0.100 ± 0.004
(2.54 ± 0.1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com