Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECO Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ECO
Description  Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECO Datasheet(HTML) 2 Page - Vishay Siliconix

  ECO Datasheet HTML 1Page - Vishay Siliconix ECO Datasheet HTML 2Page - Vishay Siliconix ECO Datasheet HTML 3Page - Vishay Siliconix ECO Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series ECO
Vishay Sfernice
Precision Rotative Transducers,
Conductive Plastic, Economic Series (ECO)
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 54007
26
Revision: 07-Sep-07
PERFORMANCE
Life (106 Cycles)
30 (on ES models)
20 (on CS and CB models)
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/04
Speed Rotation (RPM)
600 (on ES models)
150 (on CS and CB models)
Sine Vibration on 3 Axes
1.5 mm or 20 g from 10 Hz to 2000 Hz
Mechanical Shocks on 3 Axes
50 g - 11 ms - half sine
DIMENSIONS in millimeters, general tolerance ± 0.5 mm
SIZE 05/09/13
SERVO MOUNT TYPE
50 ES
78 ES
78 CS
156 ES
156 CS
DIMENSIONS
DESIGNATION
SIZE 05
SIZE 09
SIZE 13
50 ES
78 ES
78 CS
156 ES
156 CS
Ø A
Ø housing
12.7
22.2
33.3
B
Length
13.0
13.5
18.0
Ø CØ pilot
9.525
19.05
30.16
Ø D max.
Ø groove
11.45
19.64
30.9
F
Flange thickness
1 ± 0.1
1.6 ± 0.1
G
Shoulder
1.2 ± 0.1
1.6 ± 0.1
H
Dia. of groove
1.2 ± 0.2
1.5 min.
I max.
Height of the turret
2.5
2.5
3.6
SIZE 05/09/13
BUSHING MOUNT TYPE
50 CB
78 CB
156 CB
DIMENSIONS
DESIGNATION
SIZE 05
SIZE 09
SIZE 13
50 CB
78 CB
156 CB
Ø A
Ø housing
12.7
22.2
33.3
B max.
Length
11
11.5
16
C max.
Height of the turret
2.5
2.5
3.6
12.7
Ø C
+ 0
- 0.025
Ø 3.175
- 0
- 0.013
GH
Ø D MAX.
B
X
X
0.05
X
0.05
F
0.4 x 45
I
± 0.8
Ø A
10.3 ± 0.13
1.6
22.2 MAX.
B MAX.
0.4 x 45
9.6 MAX.
1
Ø 9.52
x 0.79
Ø 5.1 MAX.
Ø A
C
Ø 3.175
- 0
- 0.013



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com