Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TIP50
Description  SILICON NPN SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP50 Datasheet(HTML) 1 Page - STMicroelectronics

  TIP50 Datasheet HTML 1Page - STMicroelectronics TIP50 Datasheet HTML 2Page - STMicroelectronics TIP50 Datasheet HTML 3Page - STMicroelectronics TIP50 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIP47/TIP48
TIP49/TIP50
SILICON NPN SWITCHING TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
NPN TRANSISTOR
DESCRIPTION
The TIP47, TIP48, TIP49 and TIP50 are silicon
Multiepitaxial NPN Planar transistors mounted in
Jedec TO-220 plastic package. It is intented for
use in linear and switching applications.
INTERNAL SCHEMATIC DIAGRAM
October 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
TIP47
TIP48
TIP49
TIP50
VCBO
Collector-Base Voltage (IE = 0)
350
400
450
500
V
VCEO
Collector-Emitter Voltage (IB = 0)
250
300
350
400
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
1
A
ICM
Collector Peak Current
2
A
IB
Base Current
0.6
A
Ptot
Total Dissipation at Tcase
≤ 25 oC
Tamb
≤ 25 oC
40
2
W
W
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
1
2
3
TO-220
®
1/4


Similar Part No. - TIP50

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP50 POINN-TIP50 Datasheet
119Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIP50 TRSYS-TIP50 Datasheet
763Kb / 6P
NPN SILICON POWER TRANSISTORS
More results

Similar Description - TIP50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
NPN Silicon Switching Transistors
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
SWITCHING TRANSISTORS (NPN SILICON)
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
Switching Transistors(NPN Silicon)
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
ON Semiconductor
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
NPN Silicon Switching Transistors
2007-09-20
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
NPN Silicon Switching Transistors
2012-08-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com