Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL064 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TL064
Description  LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL064 Datasheet(HTML) 2 Page - STMicroelectronics

  TL064 Datasheet HTML 1Page - STMicroelectronics TL064 Datasheet HTML 2Page - STMicroelectronics TL064 Datasheet HTML 3Page - STMicroelectronics TL064 Datasheet HTML 4Page - STMicroelectronics TL064 Datasheet HTML 5Page - STMicroelectronics TL064 Datasheet HTML 6Page - STMicroelectronics TL064 Datasheet HTML 7Page - STMicroelectronics TL064 Datasheet HTML 8Page - STMicroelectronics TL064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Notes : 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where
the zero reference level is the midpoint between VCC
+ and VCC-.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
MAXIMUM RATINGS
Symbol
Parameter
TL064M,AM,BM
TL064I,AI,BI
TL064C,AC,BC
Unit
VCC
Supply Voltage - (note 1)
±18
±18
±18
V
Vi
Input Voltage - (note 3)
±15
±15
±15
V
Vid
Differential Input Voltage - (note 2)
±30
±30
±30
V
Ptot
Power Dissipation
680
680
680
mW
Output Short-Circuit Duration (Note 4)
Infinite
Infinite
Infinite
Toper
Operating Free-Air Temperature
Range
-55 to +125
-40 to +105
0 to +70
oC
Tstg
Storage Temperature Range
-65 to +150
-65 to +150
-65 to +150
oC
Non-inverting
Input
Inverting
Input
Output
V
CC
1/4 TL064
4.2k
Ω
100
Ω
45k
Ω
220
Ω
64
Ω
270
Ω
3.2k
Ω
VCC
SCHEMATIC DIAGRAM
TL064 - TL064A - TL064B
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com