Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSZ331 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HSZ331
Description  Ceramic Disc Capacitors, Class 2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HSZ331 Datasheet(HTML) 1 Page - Vishay Siliconix

  HSZ331 Datasheet HTML 1Page - Vishay Siliconix HSZ331 Datasheet HTML 2Page - Vishay Siliconix HSZ331 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 22112
www.vishay.com
Revision: 31-Jan-06
25
HS.
Vishay Draloric
Ceramic Disc Capacitors, Class 2
Dmax.
F ± 1
Ø 0.6 ± 0.05
s max.
V ± 0.5
L
FEATURES:
• Terminations are lead (Pb)-free
• Product is RoHS compliant
DESIGN:
Disc capacitors with epoxy coating
RATED VOLTAGE UR:
500 VDC
DIELECTRIC STRENGTH BETWEEN LEADS:
Component test
1250 VDC, 2s
DISSIPATION FACTOR tan
δ:
≤ 30 • 10-3
Dimensions in mm
INSULATION RESISTANCE RIS:
≥ 5 • 109 Ω
MARKING:
Capacitance value
Clear text
Capacitance tolerance
with letter code
Ceramic dielectric
with letter code
HSZ series: ’D’
HSE series: ’E’
COATING
BULK STANDARD
EXTENSION e
LEAD LENGHT L
30.0 + 0 - 3
All types
3 max.
or
6.0 + 0 - 1
CATEGORY TEMPERATURE RANGE
ϑ
A:
(- 40 to + 85) °C
CLIMATIC CATEGORY ACC. TO EN 60068-1:
40 / 085 / 21
COATING:
Epoxy dipped, insulating, flame retarding acc. to UL 94V-0
TEMPERATURE CHARACTERISTIC OF CAPACITANCE:
See diagrams in General Information
TAPING AND SPECIAL LEAD CONFIGURATIONS:
On request
ORDERING INFORMATION
HSE
471
K
AQ
BF0
K
R
MODEL
CAPACITANCE
VALUE
TOLERANCE
RATED
VOLTAGE
LEAD
CONFIGURATION
INTERNAL
CODE
RoHS
COMPLIANT
RoHS
COMPLIANT


Similar Part No. - HSZ331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HSZ271MAQBRBKR VISHAY-HSZ271MAQBRBKR Datasheet
83Kb / 4P
Ceramic Singlelayer DC Disc Capacitors
08-Oct-13
More results

Similar Description - HSZ331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
Ceramic High Voltage Disc Capacitors, Class 1
31-Jan-2006
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
Ceramic High Voltage Disc Capacitors, Class 2
31-Jan-06
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
85C Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2
07-Jan-10
logo
RFE international
2ZU103M501A57B RFE-2ZU103M501A57B_V01 Datasheet
541Kb / 3P
CERAMIC DISC CAPACITORS CLASS 2 Series: High K
2018.06.21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com