Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IHB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IHB
Description  Filter Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHB Datasheet(HTML) 2 Page - Vishay Siliconix

  IHB Datasheet HTML 1Page - Vishay Siliconix IHB Datasheet HTML 2Page - Vishay Siliconix IHB Datasheet HTML 3Page - Vishay Siliconix IHB Datasheet HTML 4Page - Vishay Siliconix IHB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IHB
Vishay Dale
Filter Inductors
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34015
42
Revision: 27-Feb-06
MODEL IHB-2
1.0
± 20 %
0.003
11.4
0.620 [15.75]
0.051 [1.29]
56.0
± 10 %
0.039
5.5
0.600 [15.24] 0.036 [0.912]
1.2
± 20 %
0.003
11.4
0.620 [15.75]
0.051 [1.29]
68.0
± 10 %
0.053
4.8
0.600 [15.24] 0.032 [0.812]
1.5
± 20 %
0.003
11.4
0.620 [15.75]
0.051 [1.29]
82.0
± 10 %
0.060
4.8
0.600 [15.24] 0.032 [0.812]
1.8
± 20 %
0.003
11.4
0.620 [15.75]
0.051 [1.29]
100.0
± 10 %
0.080
4.0
0.600 [15.24] 0.028 [0.723]
2.2
± 20 %
0.004
11.4
0.620 [15.75]
0.051 [1.29]
120.0
± 10 %
0.090
4.0
0.600 [15.24] 0.028 [0.723]
2.7
± 20 %
0.005
11.4
0.620 [15.75]
0.051 [1.29]
150.0
± 10 %
0.098
4.0
0.600 [15.24] 0.028 [0.723]
3.3
± 20 %
0.005
11.4
0.620 [15.75]
0.051 [1.29]
180.0
± 10 %
0.110
4.0
0.600 [15.24] 0.028 [0.723]
3.9
± 20 %
0.005
11.4
0.620 [15.75]
0.051 [1.29]
220.0
± 10 %
0.150
2.8
0.600 [15.24] 0.025 [0.644]
4.7
± 20 %
0.005
11.4
0.620 [15.75]
0.051[1.29]
270.0
± 10 %
0.213
2.0
0.600 [15.24] 0.023 [0.573]
5.6
± 20 %
0.006
11.4
0.620 [15.75]
0.051 [1.29]
330.0
± 10 %
0.305
1.6
0.600 [15.24] 0.020 [0.510]
6.8
± 20 %
0.007
11.4
0.620 [15.75]
0.051 [1.29]
390.0
± 10 %
0.320
1.6
0.600 [15.24] 0.020 [0.510]
8.2
± 20 %
0.007
11.4
0.620 [15.75]
0.051 [1.29]
470.0
± 10 %
0.355
1.6
0.590 [14.99] 0.020 [0.510]
10.0
± 10 %
0.009
11.4
0.620 [15.75]
0.051 [1.29]
560.0
± 10 %
0.388
1.6
0.590 [14.99] 0.020 [0.510]
12.0
± 10 %
0.009
11.4
0.620 [15.75]
0.051 [1.29]
680.0
± 10 %
0.430
1.6
0.590 [14.99] 0.020 [0.510]
15.0
± 10 %
0.013
9.0
0.620 [15.75]
0.045 [1.15]
820.0
± 10 %
0.590
1.3
0.590 [14.99] 0.018 [0.455]
18.0
± 10 %
0.018
7.2
0.615 [15.62]
0.040 [1.02]
1000.0
± 10 %
0.818
1.0
0.590 [14.99] 0.016 [0.405]
22.0
± 10 %
0.019
7.2
0.615 [15.62]
0.040 [1.02]
1200.0
± 10 %
1.140
0.8
0.590 [14.99] 0.014 [0.361]
27.0
± 10 %
0.026
5.5
0.575 [14.61] 0.036 [0.912]
1500.0
± 10 %
1.260
0.8
0.590 [14.99] 0.014 [0.361]
33.0
± 10 %
0.029
5.5
0.575 [14.61] 0.036 [0.912]
1800.0
± 10 %
1.390
0.8
0.590 [14.99] 0.014 [0.361]
39.0
± 10 %
0.030
5.5
0.600 [15.24] 0.036 [0.912]
2200.0
± 10 %
1.540
0.8
0.590 [14.99] 0.014 [0.361]
47.0
± 10 %
0.035
5.5
0.600 [15.24] 0.036 [0.912]
MODEL IHB-3
1.0
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
82.0
± 10 %
0.032
9.0
0.760 [19.30] 0.045 [1.150]
1.2
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
100.0
± 10 %
0.034
9.0
0.760 [19.30] 0.045 [1.150]
1.5
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
120.0
± 10 %
0.046
7.2
0.740 [18.80] 0.040 [1.020]
1.8
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
150.0
± 10 %
0.064
5.5
0.720 [18.29] 0.036 [0.912]
2.2
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
180.0
± 10 %
0.072
5.5
0.720 [18.29] 0.036 [0.912]
2.7
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
220.0
± 10 %
0.080
5.5
0.790 [20.07] 0.036 [0.912]
3.3
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
270.0
± 10 %
0.110
4.5
0.770 [19.56] 0.032 [0.812]
3.9
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
330.0
± 10 %
0.122
4.5
0.770 [19.56] 0.032 [0.812]
4.7
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
390.0
± 10 %
0.169
4.0
0.740 [18.80] 0.028 [0.723]
5.6
± 20 %
0.003
21.0
0.790 [20.07]
0.072 [1.83]
470.0
± 10 %
0.187
4.0
0.740 [18.80] 0.028 [0.723]
6.8
± 20 %
0.004
21.0
0.790 [20.07]
0.072 [1.83]
560.0
± 10 %
0.205
4.0
0.740 [18.80] 0.028 [0.723]
8.2
± 20 %
0.004
21.0
0.790 [20.07]
0.072 [1.83]
680.0
± 10 %
0.256
2.8
0.725 [18.42] 0.025 [0.644]
10.0
± 10 %
0.006
17.0
0.770 [19.56]
0.064 [1.63]
820.0
± 10 %
0.288
2.8
0.725 [18.42] 0.025 [0.644]
12.0
± 10 %
0.008
13.5
0.750 [19.05]
0.057 [1.45]
1000.0
± 10 %
0.426
2.0
0.715 [18.16] 0.023 [0.573]
15.0
± 10 %
0.009
13.5
0.750 [19.05]
0.057 [1.45]
1200.0
± 10 %
0.462
2.0
0.760 [19.30] 0.023 [0.573]
18.0
± 10 %
0.010
13.5
0.750 [19.05]
0.057 [1.45]
1500.0
± 10 %
0.518
2.0
0.760 [19.30] 0.023 [0.573]
22.0
± 10 %
0.011
13.5
0.750 [19.05]
0.057 [1.45]
1800.0
± 10 %
0.705
1.6
0.740 [18.80] 0.020 [0.510]
27.0
± 10 %
0.012
13.5
0.800 [20.32]
0.057 [1.45]
2200.0
± 10 %
1.020
1.3
0.720 [18.29] 0.018 [0.455]
33.0
± 10 %
0.017
13.5
0.780 [19.81]
0.051 [1.29]
2700.0
± 10 %
1.140
1.3
0.720 [18.29] 0.018 [0.455]
39.0
± 10 %
0.022
11.4
0.780 [19.81]
0.051 [1.29]
3300.0
± 10 %
1.270
1.3
0.720 [18.29] 0.018 [0.455]
47.0
± 10 %
0.024
9.0
0.760 [19.30]
0.045 [1.15]
3900.0
± 10 %
1.670
1.0
0.700 [17.78] 0.016 [0.405]
56.0
± 10 %
0.026
9.0
0.760 [19.30]
0.045 [1.15]
4700.0
± 10 %
1.860
1.0
0.730 [18.54] 0.016 [0.405]
68.0
± 10 %
0.029
9.0
0.760 [19.30]
0.045 [1.15]
STANDARD ELECTRICAL SPECIFICATIONS
IND.
at 1 kHz
(µH)
TOL.
DCR
MAX.
(Ohms)
RATED
CURRENT
(Amps)
APPROX.
LEAD "E"
SPACING
MAXIMUM
LEAD "F"
DIAMETER
IND.
at 1 kHz
(µH)
TOL.
DCR
MAX.
(Ohms)
RATED
CURRENT
(Amps)
APPROX.
LEAD "E"
SPACING
MAXIMUM
LEAD "F"
DIAMETER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com