Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IHD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IHD
Description  Filter Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHD Datasheet(HTML) 2 Page - Vishay Siliconix

  IHD Datasheet HTML 1Page - Vishay Siliconix IHD Datasheet HTML 2Page - Vishay Siliconix IHD Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IHD
Vishay Dale
Filter Inductors
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34016
38
Revision: 27-Feb-06
MODEL IHD-1
3300.0
± 15 %
6.560
0.20
0.13
8200.0
± 15 %
20.800
0.11
0.08
3900.0
± 15 %
8.630
0.17
0.12
10000.0
± 15 %
23.400
0.10
0.08
4700.0
± 15 %
10.100
0.16
0.11
12000.0
± 15 %
26.000
0.10
0.07
5600.0
± 15 %
11.200
0.15
0.10
15000.0
± 15 %
36.000
0.08
0.06
6800.0
± 15 %
15.000
0.13
0.09
18000.0
v
40.000
0.08
0.06
MODEL IHD-3
3.9
± 15 %
0.007
4.0
8.20
680.0
± 15 %
0.570
1.0
0.67
4.7
± 15 %
0.008
4.0
7.50
820.0
± 15 %
0.643
0.8
0.61
5.6
± 15 %
0.011
4.0
6.90
1000.0
± 15 %
0.844
0.8
0.56
6.8
± 15 %
0.011
4.0
6.30
1200.0
± 15 %
0.977
0.6
0.51
8.2
± 15 %
0.013
4.0
5.70
1500.0
± 15 %
1.180
0.6
0.46
10.0
± 15 %
0.016
4.0
5.20
1800.0
± 15 %
1.500
0.6
0.42
12.0
± 15 %
0.018
4.0
4.70
2200.0
± 15 %
1.760
0.5
0.38
15.0
± 15 %
0.020
4.0
4.30
2700.0
± 15 %
2.130
0.4
0.34
18.0
± 15 %
0.022
4.0
3.90
3300.0
± 15 %
2.530
0.4
0.31
22.0
± 15 %
0.024
4.0
3.50
3900.0
± 15 %
2.840
0.4
0.29
27.0
± 15 %
0.025
4.0
3.20
4700.0
± 15 %
3.790
0.4
0.26
33.0
± 15 %
0.028
4.0
2.90
5600.0
± 15 %
4.240
0.32
0.24
39.0
± 15 %
0.031
4.0
2.70
6800.0
± 15 %
5.750
0.25
0.22
47.0
± 15 %
0.034
4.0
2.50
8200.0
± 15 %
6.440
0.25
0.20
56.0
± 15 %
0.043
3.2
2.30
10000.0
± 15 %
7.300
0.25
0.18
68.0
± 15 %
0.059
2.5
2.10
12000.0
± 15 %
9.340
0.20
0.17
82.0
± 15 %
0.066
2.0
1.90
15000.0
± 15 %
10.700
0.20
0.15
100.0
± 15 %
0.084
1.6
1.70
18000.0
± 15 %
14.800
0.16
0.14
120.0
± 15 %
0.113
1.6
1.60
22000.0
± 15 %
18.000
0.13
0.12
150.0
± 15 %
0.129
1.6
1.40
27000.0
± 15 %
22.700
0.13
0.11
180.0
± 15 %
0.150
1.6
1.30
33000.0
± 15 %
25.700
0.13
0.10
220.0
± 15 %
0.162
1.6
1.20
39000.0
± 15 %
29.700
0.10
0.09
270.0
± 15 %
0.226
1.6
1.10
47000.0
± 15 %
33.700
0.10
0.09
330.0
± 15 %
0.257
1.6
0.95
56000.0
± 15 %
38.000
0.10
0.08
390.0
± 15 %
0.288
1.6
0.88
68000.0
± 15 %
52.800
0.08
0.07
470.0
± 15 %
0.393
1.2
0.80
82000.0
± 15 %
67.300
0.07
0.07
560.0
± 15 %
0.504
1.0
0.74
100000.0 ± 15 %
76.000
0.07
0.06
MARKING
- Vishay Dale
- Model
- Value
- Date code
ORDERING INFORMATION
IHD-1
3.9 µH
± 15 %
ER
e2
MODEL
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD
(Pb)-FREE
STANDARD
STANDARD ELECTRICAL SPECIFICATIONS
IND.
at 1 kHz
(µH)
TOL.
DCR
MAX.
(Ohms)
RATED
CURRENT
(Max. Amps)
INCREMENTAL
CURRENT
(Amps Approx.)
IND.
at 1 kHz
(µH)
TOL.
DCR
MAX.
(Ohms)
RATED
CURRENT
(Max. Amps)
INCREMENTAL
CURRENT
(Amps Approx.)
GLOBAL PART NUMBER INFORMATION
MODEL
1
D
H
IR
E
PACKING
CODE
3
R
9
INDUCTANCE
VALUE
L
TOL.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com