Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEU331 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HEU331
Description  Ceramic High Voltage Disc Capacitors, Class 1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HEU331 Datasheet(HTML) 2 Page - Vishay Siliconix

  HEU331 Datasheet HTML 1Page - Vishay Siliconix HEU331 Datasheet HTML 2Page - Vishay Siliconix HEU331 Datasheet HTML 3Page - Vishay Siliconix HEU331 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
Document Number: 22114
28
Revision: 31-Jan-2006
H.U
Vishay Draloric
Ceramic Disc Capacitors, Class 2
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 1 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 750
10
± 10 %
7.0 x 3.0
7.5
0.6
1.4
U
HAU100 BA
KR
15
7.0 x 3.0
HAU150 BA
KR
22
7.0 x 3.0
HAU220 BA
KR
33
8.0 x 3.0
HAU330 BA
KR
47
8.0 x 3.0
HAU470 BA
KR
68
8.0 x 3.0
HAU680 BA
KR
82
8.0 x 3.0
HAU820 BA
KR
100
8.0 x 3.0
HAU101 BA
KR
150
10.0 x 3.5
HAU151 BA
KR
220
11.0 x 3.5
HAU221 BA
KR
330
12.5 x 3.5
HAU331 BA
KR
470
14.5 x 3.5
HAU471 BA
KR
560
16.5 x 3.5
HAU561 BA
KR
680
16.5 x 3.5
HAU681 BA
KR
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 2 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 750
10
± 10 %
7.0 x 4.0
7.5
0.6
1.2
U
HBU100 BB
KR
15
7.0 x 4.0
HBU150 BB
KR
22
7.0 x 4.0
HBU220 BB
KR
33
7.0 x 4.0
1.3
HBU330 BB
KR
47
7.0 x 4.0
1.4
HBU470 BB
KR
68
8.0 x 4.0
HBU680 BB
KR
82
8.0 x 4.0
HBU820 BB
KR
100
10.0 x 4.2
HBU101 BB
KR
150
10.0 x 4.2
HBU151 BB
KR
220
12.0 x 4.2
HBU221 BB
KR
330
15.0 x 4.2
HBU331 BB
KR
470
17.0 x 4.2
HBU471 BB
KR
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 3 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 750
10
± 10 %
7.0 x 4.0
10.0
0.6
1.3
U
HCU100 BC
KR
15
7.0 x 4.0
HCU150 BC
KR
22
7.0 x 4.0
HCU220 BC
KR
33
7.0 x 4.0
HCU330 BC
KR
47
8.0 x 4.0
1.4
HCU470 BC
KR
68
9.0 x 4.0
HCU680 BC
KR
82
10.0 x 4.4
0.8
1.6
HCU820 BC
KR
100
10.0 x 4.4
HCU101 BC
KR
150
11.0 x 4.4
HCU151 BC
KR
220
15.0 x 4.4
HCU221 BC
KR
330
17.0 x 4.4
HCU331 BC
KR
ORDERING CODE
7th digit
Capacitance Tolerance
± 10 % = K
10th to 12th digit
Lead Configuration (See General Information)
R
14th digit
RoHS Compliant Component



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com