Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFU331 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFU331
Description  Ceramic High Voltage Disc Capacitors, Class 1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFU331 Datasheet(HTML) 1 Page - Vishay Siliconix

  HFU331 Datasheet HTML 1Page - Vishay Siliconix HFU331 Datasheet HTML 2Page - Vishay Siliconix HFU331 Datasheet HTML 3Page - Vishay Siliconix HFU331 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 22114
www.vishay.com
Revision: 31-Jan-2006
27
H.U
Vishay Draloric
Ceramic High Voltage Disc Capacitors, Class 1
Dimensions in mm
COATING:
Epoxy dipped, insulating,
Flame retarding acc. to UL 94V-0
TEMPERATURE CHARACTERISTIC OF CAPACITANCE:
See General Information
LEAD CONFIGURATION & TAPING:
See General Information
MARKING:
Capacitance value
Clear text
Capacitance tolerance
With letter code
Rated voltage
Clear text
Ceramic Dielectric
With letter code U
Manufacturers logo
Where D
≥ 13 mm only
COATING
BULK STANDARD
EXTENSION e
LEAD LENGHT L
ALL TYPES
3 max.
30.0 + 0 - 3
or
6.0 ± 1
Dmax.
s max.
V ± 0.5
Ø d ± 0.05
F ± 1
DESIGN:
Disc capacitors with epoxy coating
RATED VOLTAGE UR:
HAU
1 kVDC
HBU
2 kVDC
HCU
3 kVDC
HDU
4 kVDC
HEU
5 kVDC
HFU
6 kVDC
DIELECTRIC STRENGTH BETWEEN LEADS:
Component test
HAU
1750 kVDC, 2 s
HBU
3000 kVDC, 2 s
HCU
5000 kVDC, 2 s
HDU
6000 kVDC, 2 s
HEU
7500 kVDC, 2 s
HFU
9000 kVDC, 2 s
DISSIPATION FACTOR tan
δ:
C < 30 pF:
• 10-4
C
≥ 30 pF: ≤ 10 • 10-4
INSULATION RESISTANCE RIS:
≥ 1 • 1010 Ω
CATEGORY TEMPERATURE RANGE
ϑ
A:
(- 40 to + 85) °C
CLIMATIC CATEGORY ACC. TO EN 60068-1:
40 / 085 / 21
100
C
----------
7
+
⎝⎠
⎛⎞
ORDERING INFORMATION
HAU
220
K
BA
CD0
K
R
MODEL
CAPACITANCE
VALUE
TOLERANCE
RATED
VOLTAGE
LEAD
CONFIGURATION
INTERNAL
CODE
RoHS
COMPLIANT
RoHS
COMPLIANT


Similar Part No. - HFU331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFU331KBF###KR VISHAY-HFU331KBF###KR Datasheet
96Kb / 5P
Ceramic Singlelayer DC Disc Capacitors, 6 kVDC General Purpose
Revision: 28-Jan-2022
More results

Similar Description - HFU331

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CEC010C CDE-CEC010C Datasheet
177Kb / 1P
Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
Ceramic Disc Capacitors, Class 1
31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
Ceramic High Voltage Disc Capacitors, Class 2
31-Jan-06
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
Ceramic Disc Capacitors, Class 2
31-Jan-06
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2
07-Jan-10
logo
RFE international
1SL101J500A54B RFE-1SL101J500A54B Datasheet
633Kb / 3P
CERAMIC DISC CAPACITORS CLASS 1 Series: Temperature Compensating
2022.07.08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com