Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE6.5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCE6.5
Description  Low Capacitance TRANSZORB® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCE6.5 Datasheet(HTML) 2 Page - Vishay Siliconix

  LCE6.5 Datasheet HTML 1Page - Vishay Siliconix LCE6.5 Datasheet HTML 2Page - Vishay Siliconix LCE6.5 Datasheet HTML 3Page - Vishay Siliconix LCE6.5 Datasheet HTML 4Page - Vishay Siliconix LCE6.5 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LCE6.5 thru LCE28A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88357
Revision: 20-Oct-08
2
Note:
(1) All the above devices are UL listed for Telecom application protection 497B, file number E136766
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
STAND-
OFF
VOLTAGE
VWM
(V)
BREAKDOWN
VOLTAGE
VBR
(V)
TEST
CURRENT
AT IT
mA
MAXIMUM
REVERSE
LEAKAGE
AT
VWM
ID (µA)
MAXIMUM
CLAMPING
VOLTAGE
AT IPP
VC (V)
MAXIMUM
PEAK
PULSE
CURRENT
(FIG 3)
IPPM
(A)
MAXIMUM
JUNCTION
CAPACITANCE
AT 0 (V)
(pF)
WORKING
INVERSE
BLOCKING
VOLTAGE
VWIB
(V)
MAXIMUM
INVERSE
BLOCKING
LEAKAGE
CURRENT
AT VWIB
ID (mA)
MINIMUM
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB
(V)
MIN.
MAX.
LCE6.5
6.5
7.22
8.82
10.0
1000
12.3
100
100
75
1.0
100
LCE6.5A
6.5
7.22
7.98
10.0
1000
11.2
100
100
75
1.0
100
LCE7.0
7.0
7.78
9.51
10.0
500
13.3
100
100
75
1.0
100
LCE7.0A
7.0
7.78
8.60
10.0
500
12.0
100
100
75
1.0
100
LCE7.5
7.5
8.33
10.2
10.0
250
14.3
100
100
75
1.0
100
LCE7.5A
7.5
8.33
9.21
10.0
250
12.9
100
100
75
1.0
100
LCE8.0
8.0
8.89
10.9
1.0
100
15.0
100
100
75
1.0
100
LCE8.0A
8.0
8.89
9.83
1.0
100
13.6
100
100
75
1.0
100
LCE8.5
8.5
9.44
11.5
1.0
50.0
15.9
94
100
75
1.0
100
LCE8.5A
8.5
9.44
10.4
1.0
50.0
14.4
100
100
75
1.0
100
LCE9.0
9.0
10.0
12.2
1.0
10.0
16.9
89
100
75
1.0
100
LCE9.0A
9.0
10.0
11.1
1.0
10.0
15.4
97
100
75
1.0
100
LCE10
10
11.1
13.6
1.0
5.0
18.8
80
100
75
1.0
100
LCE10A
10
11.1
12.3
1.0
5.0
17.0
88
100
75
1.0
100
LCE11
11
12.2
14.9
1.0
5.0
20.1
74
100
75
1.0
100
LCE11A
11
12.2
13.5
1.0
5.0
18.2
82
100
75
1.0
100
LCE12
12
13.3
16.3
1.0
5.0
22.0
68
100
75
1.0
100
LCE12A
12
13.3
14.7
1.0
5.0
19.9
75
100
75
1.0
100
LCE13
13
14.4
17.6
1.0
5.0
23.8
63
100
75
1.0
100
LCE13A
13
14.4
15.9
1.0
5.0
21.5
70
100
75
1.0
100
LCE14
14
15.6
19.1
1.0
5.0
25.8
58
100
75
1.0
100
LCE14A
14
15.6
17.2
1.0
5.0
23.2
65
100
75
1.0
100
LCE15
15
16.7
20.4
1.0
5.0
26.9
56
100
75
1.0
100
LCE15A
15
16.7
18.5
1.0
5.0
24.4
61
100
75
1.0
100
LCE16
16
17.8
21.8
1.0
5.0
28.8
52
100
75
1.0
100
LCE16A
16
17.8
19.7
1.0
5.0
26.0
57
100
75
1.0
100
LCE17
17
18.9
23.1
1.0
5.0
30.5
49
100
75
1.0
100
LCE17A
17
18.9
20.9
1.0
5.0
27.6
54
100
75
1.0
100
LCE18
18
20.0
24.4
1.0
5.0
32.2
46
100
75
1.0
100
LCE18A
18
20.0
22.1
1.0
5.0
29.2
51
100
75
1.0
100
LCE20
20
22.2
27.1
1.0
5.0
35.8
42
100
75
1.0
100
LCE20A
20
22.2
24.5
1.0
5.0
32.4
46
100
75
1.0
100
LCE22
22
24.4
29.8
1.0
5.0
39.4
38
100
75
1.0
100
LCE22A
22
24.4
26.9
1.0
5.0
35.5
42
100
75
1.0
100
LCE24
24
26.7
32.6
1.0
5.0
43.0
35
100
75
1.0
100
LCE24A
24
26.7
29.5
1.0
5.0
38.9
39
100
75
1.0
100
LCE26
26
28.9
35.3
1.0
5.0
46.6
32
100
75
1.0
100
LCE26A
26
28.9
31.9
1.0
5.0
42.1
36
100
75
1.0
100
LCE28
28
31.1
38.0
1.0
5.0
50.1
30
100
75
1.0
100
LCE28A
28
31.1
34.4
1.0
5.0
45.5
33
100
75
1.0
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com