Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL081 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TL081
Description  GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL081 Datasheet(HTML) 2 Page - STMicroelectronics

  TL081 Datasheet HTML 1Page - STMicroelectronics TL081 Datasheet HTML 2Page - STMicroelectronics TL081 Datasheet HTML 3Page - STMicroelectronics TL081 Datasheet HTML 4Page - STMicroelectronics TL081 Datasheet HTML 5Page - STMicroelectronics TL081 Datasheet HTML 6Page - STMicroelectronics TL081 Datasheet HTML 7Page - STMicroelectronics TL081 Datasheet HTML 8Page - STMicroelectronics TL081 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage - (note 1)
±18
V
Vi
Input Voltage - (note 3)
±15
V
Vid
Differential Input Voltage - (note 2)
±30
V
Ptot
Power Dissipation
680
mW
Output Short-circuit Duration - (note 4)
Infinite
Toper
Operating Free Air Temperature Range
TL081C,AC,BC
TL081I,AI,BI
TL081M,AM,BM
0to 70
–40 to 105
–55 to 125
oC
Tstg
Storage Temperature Range
–65 to 150
oC
Notes :
1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the
zero reference level is the midpoint between VCC
+ and VCC–.
2. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less.
4. The output may be shorted to ground or to either supply. Temperature and /or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
Output
Non-inverting
input
Inver ting
input
V
CC
V
CC
100
Ω
1.3k
30k
35k
35k
100
Ω
1.3k
8.2k
Offset Null1
Offset Null2
100
Ω
200
Ω
SCHEMATIC DIAGRAM
N1
N2
TL081
100k
Ω
V
CC
INPUT OFFSET VOLTAGE NULL CIRCUITS
TL081 - TL081A - TL081B
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com