Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-300-DFC-R4R4M2 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # CS-300-DFC-R4R4M2
Description  Clock Smoother
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CS-300-DFC-R4R4M2 Datasheet(HTML) 1 Page - Vectron International, Inc

  CS-300-DFC-R4R4M2 Datasheet HTML 1Page - Vectron International, Inc CS-300-DFC-R4R4M2 Datasheet HTML 2Page - Vectron International, Inc CS-300-DFC-R4R4M2 Datasheet HTML 3Page - Vectron International, Inc CS-300-DFC-R4R4M2 Datasheet HTML 4Page - Vectron International, Inc CS-300-DFC-R4R4M2 Datasheet HTML 5Page - Vectron International, Inc CS-300-DFC-R4R4M2 Datasheet HTML 6Page - Vectron International, Inc CS-300-DFC-R4R4M2 Datasheet HTML 7Page - Vectron International, Inc CS-300-DFC-R4R4M2 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CS-300
Clock Smoother
Features
• Output frequencies to 850 MHz
• Ultra Low Jitter LVPECL, LVDS Outputs
• Locks to Input Frequency (i.e. 622.08 MHz)
• 3.3 Vdc or 5.0 Vdc supply
• Lock / Loss of Signal Alarm
• 1” x 0.8” x 0.25”, Surface Mount (FR4 base)
• Product is compliant to RoHS directive
Applications
• SONET / SDH / ATM
• DWDM / FDM
• DSL – PON Interconnects
• FEC (Forward Error Correction)


Similar Part No. - CS-300-DFC-R4R4M2

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
CS-300 IET-CS-300 Datasheet
301Kb / 2P
RS Series -- Standard Models
CS-300H IET-CS-300H Datasheet
301Kb / 2P
RS Series -- Standard Models
CS-300H-NIST IET-CS-300H-NIST Datasheet
301Kb / 2P
RS Series -- Standard Models
More results

Similar Description - CS-300-DFC-R4R4M2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LM8460 SANYO-LM8460 Datasheet
112Kb / 1P
ALARM CLOCK (CLOCK RADIO.ETC)
logo
Vectron International, ...
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
Clock Smoother
logo
Raltron Electronics Cor...
CE8200A-LZ-80.000-T-4 RALTRON-CE8200A-LZ-80.000-T-4 Datasheet
234Kb / 2P
CLOCK
CE8250A-LZ-25.000-T-4 RALTRON-CE8250A-LZ-25.000-T-4 Datasheet
234Kb / 2P
CLOCK
CP2 RALTRON-CP2 Datasheet
364Kb / 1P
CLOCK
logo
Cirrus Logic
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
Fractional-N Clock Synthesizer & Clock Multiplier
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
Omron Electronics LLC
E3T-CD11 OMRON-E3T-CD11 Datasheet
3Mb / 24P
The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-FD11M OMRON-E3T-FD11M Datasheet
3Mb / 24P
The Improved E3T Series with Easier, Smoother Mounting and Installation
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com