Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P12
Description  Fully Sealed Container Cermet Potentiometers Military and Professional Grade
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P12 Datasheet(HTML) 2 Page - Vishay Siliconix

  P12 Datasheet HTML 1Page - Vishay Siliconix P12 Datasheet HTML 2Page - Vishay Siliconix P12 Datasheet HTML 3Page - Vishay Siliconix P12 Datasheet HTML 4Page - Vishay Siliconix P12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 51033
114
See also: Application notes
Revision: 06-Jul-06
P12
Vishay Sfernice
Fully Sealed Container Cermet Potentiometers
Military and Professional Grade
ELECTRICAL SPECIFICATIONS
Resistive Element
cermet
Electrical Travel
270° ± 10°
Resistance Range
Linear Law
22
Ω to 10 MΩ
Logarithmic Laws
100
Ω to 2.2 MΩ
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
Standard
± 20 %
On Request
± 10 %
Power Rating
Linear
1 W at + 70 °C
Logarithmic
0.5 W at + 70 °C
Temperature Coefficient
See Standard Resistance Element Data
Limiting Element Voltage (Linear Law)
350 V
Contact Resistance Variation
3 % or 3
Ω
End Resistance (Typical)
1
Ω
Dielectric Strength (RMS)
2000 V
Insulation Resistance (500 VDC)
106 M
Ω
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque (max. Ncm)
2 typical
End Stop Torque (max. Ncm)
style H: 15 - T.Q.: 35
Tightening Torque (max. Ncm)
150
Unit Weight (max. g)
7.6 to 10
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/100/56
Sealing
fully sealed
container IP67
POWER RATING CHART
0
40
140
125
0.5
0
AMBIENT TEMPERATURE IN DEGREES CELSIUS
70
60
20
100
80
LIN. LAW “A”
LOG. LAWS “L & F”
1
RESISTANCE LAWS
100
80
60
40
20
0
0
100
80
60
40
20
% CLOCKWISE SHAFT ROTATION
F
L
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com