Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7700A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL7700A
Description  SUPPLY VOLTAGE SUPERVISORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL7700A Datasheet(HTML) 1 Page - STMicroelectronics

  TL7700A Datasheet HTML 1Page - STMicroelectronics TL7700A Datasheet HTML 2Page - STMicroelectronics TL7700A Datasheet HTML 3Page - STMicroelectronics TL7700A Datasheet HTML 4Page - STMicroelectronics TL7700A Datasheet HTML 5Page - STMicroelectronics TL7700A Datasheet HTML 6Page - STMicroelectronics TL7700A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TL7700A Series
April 2000
SUPPLY VOLTAGE SUPERVISORS
®
.
POWER-ON RESET GENERATOR
.
AUTOMATIC RESET GENERATION AFTER
VOLTAGE DROP
.
WIDE SUPPLY VOLTAGE RANGE ... 3V TO
18V
.
PRECISION VOLTAGE SENSOR
.
TEMPERATURE-COMPENSATED VOLTAGE
REFERENCE
.
TRUE AND COMPLEMENT RESET OUTPUTS
.
EXTERNALLY ADJUSTABLE PULSE WIDTH
N
Min idip
DESCRIPTION
The TL7700Aseriesaremonolithicintegratedcircuit
supplyvoltagesupervisorsspecifically desi-gned for
use as reset controllers in microcomputer and mi-
croprocessor systems. During power-up the device
tests the supply voltage and keeps the RESET and
RESET outputs active (high and low, respectively)
as long as the supply voltage has not reached its
nominal voltage value. Taking RESIN low has the
same effect. To ensure that the microcomputer sys-
tem hasreset, the TL7700Athen initiates an internal
time delay that delays the return of the reset outputs
to theirinactivestates. Since the timedelay for most
microcomputersand microprocessors is in the order
of several machine cycles, the device internal time
delay is determined by an external time delay is de-
termined by an external capacitor connected to the
CT input (pin 3).
td = 1.3 x 10
4 xCT
Where : CT is in farads (F) and td in seconds (s). In
addition, when the supply voltage drops below the
nominal value, the outputs will be active until the
supply voltage returns to the nominal value. An ex-
ternalcapacitor(typically0.1
µF)mustbe connected
to the REF output (pin 1) to reduce the influence of
fast transients in the supply voltage.
The TL7700AI series is characterized for operation
from – 25
oCto 85oC ; the TL7700AC series is char-
acterized from 0
oCto 70oC.
D
SO 8
ORDERING NUMBERS
Temperature Range
Minidip
S08
0to 70
oC
TL77XXACP
TL77XXACD
-25 to 85
oC
TL77XXAIP
TL77XXAID
PIN CONNECTION (top view)
1/7


Similar Part No. - TL7700A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
395Kb / 7P
SUPPLY VOLTAGE SUPERVISORS6
Jul-2000
TL7700A STMICROELECTRONICS-TL7700A_00 Datasheet
395Kb / 7P
SUPPLY VOLTAGE SUPERVISORS6
Jul-2000
More results

Similar Description - TL7700A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702A TI-TL7702A Datasheet
140Kb / 10P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759 Datasheet
87Kb / 6P
SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702-705-733B TI-TL7702-705-733B Datasheet
138Kb / 9P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com