Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2302 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2302
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2302 Datasheet HTML 9Page - Linear Technology LTC2302 Datasheet HTML 10Page - Linear Technology LTC2302 Datasheet HTML 11Page - Linear Technology LTC2302 Datasheet HTML 12Page - Linear Technology LTC2302 Datasheet HTML 13Page - Linear Technology LTC2302 Datasheet HTML 14Page - Linear Technology LTC2302 Datasheet HTML 15Page - Linear Technology LTC2302 Datasheet HTML 16Page - Linear Technology LTC2302 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2302/LTC2306
13
23026f
APPLICATIONS INFORMATION
Figure 1a. Example MUX Configurations
Figure 1b. Changing the MUX Assignment “On the Fly”
and Control section). The input data word for the LTC2306
is defined as follows:
S/D O/S
X
X
UNI
X
S/D = SINGLE-ENDED/DIFFERENTIAL BIT
O/S = ODD/SIGN BIT
UNI = UNIPOLAR/BIPOLAR BIT
X = DON’T CARE
For the LTC2302, the input data word is defined as:
X
O/S
X
X
UNI
X
Analog Input Multiplexer
The analog input MUX is programmed by the S/D and O/S
bits of the DIN word for the LTC2306 and the O/S bit of the
DIN word for the LTC2302. Table 1 and Table 2 list MUX
configurations for all combinations of the configuration
bits. Figure 1a shows several possible MUX configurations
and Figure 1b shows how the MUX can be reconfigured
from one conversion to the next.
Driving the Analog Inputs
The analog inputs of the LTC2302/LTC2306 are easy to
drive. Each of the analog inputs of the LTC2306 (CH0
and CH1) can be used as a single-ended input relative
to GND or as a differential pair. The analog inputs of the
LTC2302 (IN+, IN–) are always configured as a differential
pair. Regardless of the MUX configuration, the “+” and “–”
inputs are sampled at the same instant. Any unwanted
signal that is common to both inputs will be reduced by
the common mode rejection of the sample-and-hold cir-
cuit. The inputs draw only one small current spike while
CH0
CH1
(–) GND
2 Single-Ended
+
1 Differential
+ (–)
+
LTC2306
LTC2306
23026 F01a
– (+){
CH0
CH1
1 Differential
+ (–)
LTC2302
– (+){
IN+
IN–
CH0
CH1
(–) GND
LTC2306
2nd Conversion
+
1st Conversion
+
+
23026 F01b
–{
CH0
CH1
LTC2306
S/D
0
0
1
1
O/S
0
1
0
1
CH0
+
–
+
CH1
–
+
+
WITH RESPECT
TO GND
NOTE: UNIPOLAR MODE SHOULD BE USED
FOR SINGLE-ENDED OPERATION, SINCE INPUT
SIGNALS ARE ALWAYS REFERENCED TO GND
Table 1. Channel Configuration
for the LTC2306
O/S
0
1
IN+
+
–
IN–
–
+
Table 2. Channel Configuration
for the LTC2302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com