Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PC200
Description  Plate Capacitors with Contoured Rim - Class 1 Ceramic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PC200 Datasheet(HTML) 2 Page - Vishay Siliconix

  PC200 Datasheet HTML 1Page - Vishay Siliconix PC200 Datasheet HTML 2Page - Vishay Siliconix PC200 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P. 70, 100, 140, 200
Plate Capacitors with Contoured Rim - Class 1 Ceramic
Vishay Draloric
Document Number: 22082
For technical questions contact: powcap@vishay.com
www.vishay.com
Revision: 20-Nov-01
2
* The surface temperature of 100°C must not be exceeded
** only PE model available
CAPACITANCE TOLERANCES: ± 20 %, ± 10 %, ± 5 %
P. 70
CERAMIC
CAPACITANCE
VALUE
[pF]
RATED
VOLTAGE
[KVP]
RATED
POWER*
[KVAr]
RATED
CURRENT
[ARMS]
PD
PA
PC
R 7
25
14
15
16
10
30
R 16
40
14
20
50
60
80
12
R 42
100
14
20
16
10
120
13
160
R 85
200
14
20
16
10
250
300
400
13
500
600
12
800
11
P. 140
CERAMIC CAPACITANCE
VALUE
[pF]
RATED
VOLTAGE
[KVP]
RATED
POWER*
[KVAr]
RATED
CURRENT
[ARMS]
PE
PD
PA
PC
R 7
100
15
67.5
45
30
20
120
R 16
160
15
90
200
250
300
14
R 42
400
15
90
45
30
20
500
14
600
13
800
R 85
1000
14
90
45
30
20
1200
1600
2000
13
2500
3000
12
R 230
3000
16
90
45
**
**
P. 100
CERAMIC CAPACITANCE
VALUE
[pF]
RATED
VOLTAGE
[KVP]
RATED
POWER*
[KVAr]
RATED
CURRENT
[ARMS]
PE
PD
PA
PC
R 7
50
15
30
35
25
15
60
R 16
80
15
40
100
120
160
13
R 42
200
15
40
35
25
15
250
14
300
13
R 85
400
14
40
35
25
15
500
600
800
1000
13
1200
1600
11
P. 200
CERAMIC CAPACITANCE
VALUE
[pF]
RATED
VOLTAGE
[KVP]
RATED
POWER*
[KVAr]
RATED
CURRENT
[ARMS]
PE
PD
PA
PC
R 7
160
15
112
60
40
25
200
250
300
14
400
12
R 16
500
15
150
600
R 42
800
15
150
60
40
25
1000
14
1200
1600
R 85
2000
14
150
60
40
25
2500
3000
4000
13
5000
6000
12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com