Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF972016 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EF972016
Description  KOPEX ELECTROFLEX 970, 972 & 974 SERIES CONNECTORS FOR USE WITH 150, 154, 155 & 158 CONDUITS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EF972016 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EF972016 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.
Technical Data Sheet
KOPEX ELECTROFLEX 970, 972 & 974
SERIES CONNECTORS FOR USE WITH
150, 154, 155 & 158 CONDUITS
MATERIAL: BLACK POLYPROPYLENE
KOPEX INTERNATIONAL LIMITED, Crossbow House, 40 Liverpool Road, Slough, Berkshire, SL1 4QZ, England.
Telephone: + 44 (0) 1753 502502. Fax: + 44 (0) 1753 693521. Website: www.kopex.co.uk
810104/5
Sheet 2
The Company’s policy is one of continuous improvement and reserves the right to change specifications at any time without prior notice.
PROPERTIES:
RESISTANCE TO FLAME PROPAGTION
IP RATING WITH RECOMMENDED CONDUIT
OPERATING TEMPERATURE
FLAME RETARDANT, RATED UL94 – V2
IP 65 (NO INGRESS OF TALCUM POWDER UNDER VACUUM AND NO INGRESS OF
WATER WITH NOZZLE SPRAY FROM 3m).
- 20 TO + 60º C DEPENDING ON CONDUIT TYPE.
FITTINGS INSTRUCTIONS INCLUDED WITH PRODUCT AND AVAILABLE ON REQUEST – LEAFLET No.808896
CONDUIT
SIZE
(mm)
THREAD
TYPE
THREAD
SIZE
ORDERING
CODE
DIMENSIONS (mm)
THREAD
DIAMETER
MINIMUM
BORE
NUT
DIAMETER
THREAD
LENGTH
LENGTH
E
12
Gas
Thread
to
UNI 338
1/4”
EF970010
13.157
8.0
24.0
11.0
42.0
16
3/8”
EF970012
16.662
10.0
27.0
10.5
48.0
20
1/2”
EF970016
20.955
14.0
33.0
13.5
56.0
25
3/4”
EF970022
26.441
19.0
43.0
17.0
71.5
32
1”
EF970028
33.249
26.0
47.0
18.5
82.0
40
1.1/4”
EF970035
41.910
32.0
56.0
18.0
91.0
12
Metric
to
BS 3643
12mm
EF972010
12.0
8.0
24.0
11.0
42.0
16
16mm
EF972012
16.0
10.0
27.0
10.5
48.0
20
20mm
EF972016
20.0
14.0
33.0
13.5
56.0
25
25mm
EF972022
25.0
19.0
43.0
17.0
71.5
32
32mm
EF972028
32.0
26.0
47.0
18.5
82.0
40
40mm
EF972035
40.0
32.0
56.0
18.0
91.0
12
Pg
to
DIN 40430
Pg7
EF974010
12.5
8.0
24.0
11.0
42.0
16
Pg9
EF974012
15.2
10.0
27.0
10.5
48.0
16
Pg11
EF974013
18.6
10.0
30.0
10.5
48.0
16
Pg13.5
EF974014
20.4
10.0
27.0
10.5
48.0
20
Pg11
EF974016
18.6
14.0
33.0
13.5
56.0
20
Pg13.5
EF974017
20.4
14.0
33.0
13.5
56.0
20
Pg16
EF974018
22.5
14.0
33.0
13.5
56.0
25
Pg16
EF974022
22.5
19.0
43.0
17.0
71.5
25
Pg21
EF974023
28.3
19.0
43.0
17.0
71.5
32
Pg29
EF974029
37.0
26.0
47.0
18.5
82.0
40
Pg36
EF974036
47.0
32.0
56.0
18.0
91.0
LENGTH
F
48.0
50.0
49.5
74.5
90.5
99.5
48.0
50.0
49.5
74.5
90.5
100.0
48.0
50.0
50.0
55.5
66.0
61.0
66.0
74.5
74.5
90.0
99.5
E
F


Similar Part No. - EF972016

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
EF91 PHILIPS-EF91 Datasheet
35Kb / 3P
Pentode 1955
1999.06.29
logo
List of Unclassifed Man...
EF93 ETC-EF93 Datasheet
15Kb / 1P
Heathkit GR-64 Receiver : Vacuum Tube Pin Diagram
logo
STMicroelectronics
EF9340 STMICROELECTRONICS-EF9340 Datasheet
1Mb / 28P
SEMI-GRAPHIC CRT DISPLAY PROCESSOR
EF9341 STMICROELECTRONICS-EF9341 Datasheet
1Mb / 28P
SEMI-GRAPHIC CRT DISPLAY PROCESSOR
EF9341C STMICROELECTRONICS-EF9341C Datasheet
1Mb / 28P
SEMI-GRAPHIC CRT DISPLAY PROCESSOR
More results

Similar Description - EF972016

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16654 NEC-UPD16654 Datasheet
72Kb / 16P
150/154 OUTPUT TFT-LCD GATE DRIVE
logo
Hirose Electric
PO73-P-3CT HIROSE-PO73-P-3CT Datasheet
215Kb / 5P
RFCO-AXIAL CONNECTORS(COAXIAL CONNECTORS for use with HRPI)
logo
RF Monolithics, Inc
SF2159E RFM-SF2159E Datasheet
486Kb / 6P
974 MHz SAW Filter
logo
AAEON Technology
PER-M18 AAEON-PER-M18 Datasheet
226Kb / 1P
Desktop Stand For ONYX-150/ 153/ 154/ 172/ 192/ 1722/ 1922/ 2122/ 2215 (VESA 100)
logo
Renesas Technology Corp
PD16654 RENESAS-PD16654_15 Datasheet
200Kb / 18P
150/154 OUTPUT TFT-LCD GATE DRIVE
logo
Hirose Electric
HR41 HIROSE-HR41 Datasheet
490Kb / 12P
Waterproof Connectors for Outdoor Use
logo
TAI-SAW TECHNOLOGY CO.,...
TA0729B TAI-SAW-TA0729B Datasheet
447Kb / 8P
SAW Filter 974 MHz
logo
Bel Fuse Inc.
COVER-150-XBC BEL-COVER-150-XBC Datasheet
427Kb / 1P
For use with ABC/MBC150 Series
COVER-201-XBC BEL-COVER-201-XBC Datasheet
381Kb / 1P
For use with ABC/MBC201 Series
COVER-225-XBC BEL-COVER-225-XBC Datasheet
347Kb / 1P
For use with ABC/MBC225 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com