Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2301CDEXPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2301CDEXPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2301CDEXPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2301CDEXPBF Datasheet HTML 2Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 3Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 4Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 5Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 6Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 7Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 8Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 9Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2301/LTC2305
6
23015f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground.
Note 3: When these pin voltages are taken below ground or above VDD,
they will be clamped by internal diodes. These products can handle input
currents greater than 100mA below ground or above VDD without latchup.
Note 4: VDD = 5V, fSMPL = 14kHz, internal reference unless otherwise
noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6: Bipolar zero error is the offset voltage measured from –0.5LSB
when the output code flickers between 0000 0000 0000 and 1111 1111
1111. Unipolar zero error is the offset voltage measured from 0.5LSB
when the output code flickers between 0000 0000 0000 and 0000 0000
0001.
Note 7: Full-scale bipolar error is the worst-case of –FS or FS untrimmed
deviation from ideal first and last code transitions and includes the effect
of offset error. Unipolar full-scale error is the deviation of the last code
transition from ideal and includes the effect of offset error.
Note 8: Guaranteed by design, not subject to test.
Note 9: All specifications in dB are referred to a full-scale ±2.048V input
with a 2.5V reference voltage.
Note 10: Full linear bandwidth is defined as the full-scale input frequency
at which the SINAD degrades to 60dB or 10 bits of accuracy.
Note 11: CB = capacitance of one bus line in pF (10pF ≤ CB ≤ 400pF)
Note 12: REFCOMP wakeup time is the time required for the REFCOMP pin
to settle within 0.5LSB at 12-bit resolution of its final value after waking up
from sleep mode.
Note 13: High temperatures degrade operating lifetimes. Operating lifetime
is derated at temperatures greater than 105°C.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com