Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T95 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T95
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95 Datasheet(HTML) 2 Page - Vishay Siliconix

  T95 Datasheet HTML 1Page - Vishay Siliconix T95 Datasheet HTML 2Page - Vishay Siliconix T95 Datasheet HTML 3Page - Vishay Siliconix T95 Datasheet HTML 4Page - Vishay Siliconix T95 Datasheet HTML 5Page - Vishay Siliconix T95 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T95
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40081
150
Revision: 23-Jan-08
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.10
S
0.15
S
0.22
S
0.33
S
0.47
S
0.68
SS
1.0
SS
1.5
SS
V
2.2
S
S
V
X
3.3
S
SV
XY
4.7
S
SV
XX
ZC
6.8
S
S
V
A/X
X
Y
Z
D
10
SV
XX
Y
C/Y
ZR
15
V
X
X
B/Y
Z
Z
D/R
R
22
X
X
Y
Z
Z
R
R
33
X
Z
Z
D/R
R
47
Y
Y
Z
R
68
Y
R
R
100
Z
Z
R
C/D
R
R
120
R
R
150
D/R
D
R
180
R
R
220
R
D/R
R
270
D
330
R
R
R
390
R
470
D
680
R
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com