Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T96 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T96
Description  TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T96 Datasheet(HTML) 2 Page - Vishay Siliconix

  T96 Datasheet HTML 1Page - Vishay Siliconix T96 Datasheet HTML 2Page - Vishay Siliconix T96 Datasheet HTML 3Page - Vishay Siliconix T96 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T96
Vishay Sprague
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse
Conformal Coated
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40118
2
Revision: 25-Jun-08
Note:
• All ratings are preliminary, contact marketing for availability
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
10
R
15
RR
22
RR
33
RR
47
R
68
R
R
100
R
R
R
120
R
R
150
R
R
180
R
R
220
R
R
R
330
R
R
R
390
R
680
R
R
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
STD.(S)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
(PRELIMINARY)
LOW (L)
MAX. ESR
AT + 25 °C
100 kHz
4 WVDC AT + 85 °C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
330
R
T96R337(1)004(2)(3)(4)(5)
13.2
8
0.160
0.110
6.3 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT 125 °C, SURGE = 5 V
180
R
T96R187(1)6R3(2)(3)(4)(5)
10.8
8
0.160
0.110
220
R
T96R227(1)6R3(2)(3)(4)(5)
13.2
8
0.160
0.110
390
R
T96R397(1)6R3(2)(3)(4)(5)
23.4
8
0.160
0.075
680
R
T96R687(1)6R3(2)(3)(4)(5)
40.8
12
0.120
0.075
10 WVDC AT + 85 °C, SURGE = 13 V . . . 7 WVDC AT 125 °C, SURGE = 8 V
100
R
T96R107(1)010(2)(3)(4)(5)
10.0
8
0.170
0.105
120
R
T96R127(1)010(2)(3)(4)(5)
12.0
8
0.170
0.100
150
R
T96R157(1)010(2)(3)(4)(5)
15.0
8
0.160
0.095
220
R
T96R227(1)010(2)(3)(4)(5)
22.0
8
0.160
0.085
330
R
T96R337(1)010(2)(3)(4)(5)
33.0
8
0.160
0.085
680
R
T96R687(1)010(2)(3)(4)S
68.0
14
0.120
N/A
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
68
R
T96R686(1)016(2)(3)(4)(5)
10.9
6
0.630
0.125
180
R
T96R187(1)016(2)(3)(4)(5)
28.8
8
0.160
0.085
220
R
T96R227(1)016(2)(3)(4)(5)
35.2
8
0.150
0.085
330
R
T96R337(1)016(2)(3)(4)(5)
52.8
14
0.140
0.085
20 WVDC AT + 85 °C, SURGE = 26 V . . . 13 WVDC AT + 125 °C, SURGE = 16 V
47
R
T96R476(1)020(2)(3)(4)(5)
9.4
6
0.230
0.140
100
R
T96R107(1)020(2)(3)(4)S
20.0
8
0.170
N/A
120
R
T96R127(1)020(2)(3)(4)(5)
24.0
8
0.170
0.110
150
R
T96R157(1)020(2)(3)(4)(5)
30.0
8
0.170
0.105
Notes:
• All ratings are preliminary, contact factory for availability
(1) Capacitance Tolerance: K, M
(2) Termination and Packaging: C, E, H, L
(3) Reliability Level: A, B, S, Z
(4) Surge Current: A, B, S
(5) ESR: L, S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com