Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T97 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T97
Description  Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97 Datasheet(HTML) 2 Page - Vishay Siliconix

  T97 Datasheet HTML 1Page - Vishay Siliconix T97 Datasheet HTML 2Page - Vishay Siliconix T97 Datasheet HTML 3Page - Vishay Siliconix T97 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 40092
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 05-Aug-08
2
T97
Solid Tantalum Chip Capacitors
TANTAMOUNT® Hi-Rel COTS, Ultra-Low ESR,
Conformal Coated Case
Vishay Sprague
Notes:
* Contact factory for availability
(1) Capacitance Tolerance: K, M
(2) Termination and Packaging: C, E, H, L
(3) Reliability Level: A, S, Z
(4) Reliability Level: A,B, S, Z
(5) Surge Current: A, B, S
RATINGS AND CASE CODE
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
75 V
10
15
E/R
22
RF*
33
F
47
RZ*
68
R
100
150
F
220
E
R
330
V
E
F*
470
V
E
E
F*
680
E
E
R
1000
E/R
R
1500
R
2200
STANDARD RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER*
MAX. DCL
at + 25 °C
(µA)
MAX. DF
at + 25 °C
120 Hz (%)
MAX. ESR
at + 25 °C
100 kHz (m
Ω)
MAX. RIPPLE
100 kHz
IRMS (A)
4 WVDC at + 85 °C, SURGE = 5.2 V . . . 2.7 WVDC at + 125 °C, SURGE = 3.4 V
470
V
T97V477(1)004(2)(3)(5)
19
8
30
2.2
680
E
T97E687(1)004(2)(3)(5)
27
6
25
2.9
1000
E
T97E108(1)004(2)(3)(5)
40
8
20
3.3
1000
R
T97R108(1)004(2)(3)(5)
40
8
18
3.7
1500
R
T97R158(1)004(2)(3)(5)
60
8
15
4.1
6.3 WVDC at + 85 °C, SURGE = 8 V . . . 4 WVDC at + 125 °C, SURGE = 5 V
330
V
T97V337(1)6R3(2)(3)(5)
21
8
35
2.0
470
E
T97E477(1)6R3(2)(3)(5)
30
6
30
2.7
680
E
T97E687(1)6R3(2)(3)(5)
43
6
25
2.9
1000
R
T97R108(1)6R3(2)(3)(5)
63
8
20
3.5
10 WVDC at + 85 °C, SURGE = 13 V . . . 7 WVDC at + 125 °C, SURGE = 8 V
330
E
T97E337(1)010(2)(3)(5)
33
6
35
2.5
470
E
T97E477(1)010(2)(3)(5)
47
6
28
2.8
680
R
T97R687(1)010(2)(3)(5)
68
6
28
2.9
16 WVDC at + 85 °C, SURGE = 20 V . . . 10 WVDC at + 125 °C, SURGE = 12 V
220
E
T97E227(1)016(2)(3)(5)
35
8
40
2.3
470
F
T97E477(1)016(2)(3)(5)*
75
14
100
1.4
20 WVDC at + 85 °C, SURGE = 26 V . . . 13 WVDC at + 125 °C, SURGE = 16 V
220
R
T97R227(1)020(2)(3)(5)
44
8
80
1.8
330
F
T97F337(1)020(2)(3)(5)*
66
10
100
1.4
25 WVDC at + 85 °C, SURGE = 32 V . . . 17 WVDC at + 125 °C, SURGE = 20 V
68
R
T97R686(1)025(2)(4)(5)
17
6
100
1.6
150
F
T97F157(1)025(2)(4)(5)
38
8
80
1.8
35 WVDC at + 85 °C, SURGE = 46 V . . . 23 WVDC at + 125 °C, SURGE = 28 V
47
R
T97R476(1)035(2)(3)(5)
17
6
80
1.8
50 WVDC at + 85 °C, SURGE = 65 V . . . 33 WVDC at + 125 °C, SURGE = 38 V
15
E
T97E156(1)050(2)(4)(5)
8
6
300
0.8
15
R
T97R156(1)050(2)(3)(5)
8
6
250
1.0
22
R
T97R226(1)050(2)(3)(5)
11
6
170
0.8
33
F
T97F336(1)050(2)(3)(5)
17
6
150
0.8
47
Z
T97Z476(1)050(2)(3)(5)*
24
6
145
1.1
63 WVDC at + 85 °C, SURGE = 81 V . . . 42 WVDC at + 125 °C, SURGE = 54 V
22
F
T97F226(1)063(2)(3)(5)*
14
6
200
0.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com