Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL064CD Datasheet(PDF) 8 Page - STMicroelectronics

Part # TL064CD
Description  LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL064CD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TL064CD Datasheet HTML 2Page - STMicroelectronics TL064CD Datasheet HTML 3Page - STMicroelectronics TL064CD Datasheet HTML 4Page - STMicroelectronics TL064CD Datasheet HTML 5Page - STMicroelectronics TL064CD Datasheet HTML 6Page - STMicroelectronics TL064CD Datasheet HTML 7Page - STMicroelectronics TL064CD Datasheet HTML 8Page - STMicroelectronics TL064CD Datasheet HTML 9Page - STMicroelectronics TL064CD Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
-
eI
TL064
R L
C
L= 100pF
1k
Ω
10k
Ω
1/4
eo
PARAMETER MEASUREMENT INFORMATION
Figure 1 : Voltage follower
-
e
I
TL064
R L
C
L = 100pF
1k
Ω
10k
Ω
1/4
eo
Figure 2 : Gain-of-10 inverting amplifier
-
TL064
1/ 4
-
-
-
TL0 64
1/ 4
TL064
1/4
TL0 64
1/ 4
1M
Ω
1
µF
Output A
Output B
Output C
Input
100k
Ω
100k
Ω
100k
Ω
100k
Ω
1OO
µF
V
CC
+
f
= 100k Hz
O
TYPICAL APPLICATION
AUDIO DISTRIBUTION AMPLIFIER
TL064 - TL064A - TL064B
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com