Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7702A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TL7702A
Description  SUPPLY VOLTAGE SUPERVISORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL7702A Datasheet(HTML) 3 Page - STMicroelectronics

  TL7702A Datasheet HTML 1Page - STMicroelectronics TL7702A Datasheet HTML 2Page - STMicroelectronics TL7702A Datasheet HTML 3Page - STMicroelectronics TL7702A Datasheet HTML 4Page - STMicroelectronics TL7702A Datasheet HTML 5Page - STMicroelectronics TL7702A Datasheet HTML 6Page - STMicroelectronics TL7702A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS these specifications unless otherwise specified, apply for :
Tamb = –25 to 85
oC (TLXXAI), Tamb = 0 to 70oC (TL77XXAC)
Symbol
Parameter
Test Conditions (1)
Min.
Typ.
Max.
Unit
VOH
High-level Output Voltage at RESET
IOH = –16mA
Vs -
1.5
V
VOL
Low-Level Output Voltage at RESET
IOL = 16mA
0.4
V
Vref
Reference Voltage
Tamb =25
oC
2.48
2.53
2.58
V
VT
Threshold Voltage at SENSE Input
TL7702A
TL7705A
TL7709A
TL7712A
TL7715A
Vs = 3.6V to 18V
Tamb =25
oC
2.48
4.5
7.5
10.6
13.2
2.53
4.55
7.6
10.8
13.5
2.58
4.6
7.7
11
13.8
V
VT
Threshold Voltage at SENSE Inpu
TL7702A
TL7705A
TL7709A
TL7712A
TL7715At
Vs = 3.6V to 18V
2.45
4.45
7.4
10.4
13
2.53
4.55
7.6
10.8
13.5
2.58
4.6
7.7
11
13.8
V
VT+,VT–
Hysteresis (2) at SENSE Input
TL7702A
TL7705A
TL7709A
TL7712A
TL7715A
Vs = 3.6V to 18V
Tamb =25
oC
10
15
20
35
45
mV
II
Input Current at RESIN Input
Vi = 2.4V to VS
Vi = 0.4V
20
-100
µA
II
Input Current at SENSE Input
TL7702A
Vref <Vi <Vs - 1.5V
0.5
2
µA
IOH
High-level Output Current at RESET
VO = 18V
50
µA
IOL
Low-level Output Current at RESET
VO =0V
-50
µA
IS
Supply Current
All Inputs and out.
open
1.8
3.3
mA
Notes :
1. All characteristics are measured with C = 0.1
µF from Pin 1 to GND, and with C = 0.1µF from Pin 3 to GND.
2. Hysteresis is the difference between the positive going input threshold voltage. VT+, and the negative going input threshold
voltage, VT-.
SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tpi
Pulse Width at SENSE Input
Vih =Vityp +0.04 x Vi
ViL =Vityp –0.04 x Vi
0.9
µs
tpi
Pulse Width at RESIN Input
0.4
µs
tpo
Pulse Width at Output
CT = 0.1
µF
0.65
1.3
2.6
ms
tpdHL
Propagation Delay Time from RESIN
to RESET
CL = 100pF, Vs = 5V, RL = 4.7k
Ω
1
µs
tr/f
Rise/Falltime at RESET and RESET
CL = 10pF, Vs = 5V, RL = 4.7k
Ω
1
µs
TL7700A Series
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com