Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # U2B
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U2B Datasheet(HTML) 2 Page - Vishay Siliconix

  U2B Datasheet HTML 1Page - Vishay Siliconix U2B Datasheet HTML 2Page - Vishay Siliconix U2B Datasheet HTML 3Page - Vishay Siliconix U2B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
U2B, U2C & U2D
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89096
Revision: 29-May-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Free air, mounted on recommended copper pad area. Thermal resistance R
θ
JA - junction to ambient, RθJM - junction to mount.
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 2 A
TA = 25 °C
TA = 100 °C
VF
0.86
0.76
0.90
0.83
V
Reverse current (2)
rated VR
TA = 25 °C
TA = 100 °C
IR
-
180
10
350
µA
Reverse recovery time
IF = 0.5 A, IR = 1.0 A,
lrr = 0.25 A
TA = 25 °C
trr
-
20
ns
IF = 2.0 A, dI/dt = 50 A/µs,
VR = 30 V, lrr = 0.1 IRM
TA = 25 °C
TA = 100 °C
trr
27
35
-
-
ns
Storage charge
IF = 2.0 A, dI/dt = 50 A/µs,
VR = 30 V, lrr = 0.1 IRM
TA = 25 °C
TA = 100 °C
Qrr
9
19
-
-
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
16
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
U2B
U2C
U2D
UNIT
Typical thermal resistance (1)
RθJA
RθJM
105
18
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
U2D-E3/52T
0.099
52T
750
7" diameter plastic tape and reel
U2D-E3/5BT
0.099
5BT
3200
13" diameter plastic tape and reel
Figure 1. Maximum Forward Current Derating Curve
0
3.0
80
90
100
110
120
130
140
150
TM - Mount Temperature (°C)
2.0
1.0
Resistive or Inductive Load
Figure 2. Forward Power Loss Characteristics
0
0.4
0.8
1.2
1.6
2.0
0
2.4
0.4
Average Forward Current (A)
2.0
1.6
1.2
0.8
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com