Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # U3D
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U3D Datasheet(HTML) 2 Page - Vishay Siliconix

  U3D Datasheet HTML 1Page - Vishay Siliconix U3D Datasheet HTML 2Page - Vishay Siliconix U3D Datasheet HTML 3Page - Vishay Siliconix U3D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
U3B, U3C & U3D
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89066
Revision: 30-May-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Free air, mounted on recommended copper pad area. Thermal resistance RθJA - junction to ambient, RθJM - junction to mount
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 3.0 A
TA = 25 °C
TA = 100 °C
VF
0.85
0.74
0.90
0.83
V
Reverse current (2)
rated VR
TA = 25 °C
TA = 100 °C
IR
-
250
10
500
µA
Reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
TA = 25 °C
trr
-20
ns
IF = 3.0 A, dI/dt = 50 A/µs,
VR = 30 V, Irr = 0.1 IRM
TA = 25 °C
TA = 100 °C
trr
25
35
30
50
ns
Storage charge
IF = 3.0 A, dI/dt = 50 A/µs,
VR = 30 V, Irr = 0.1 IRM
TA = 25 °C
TA = 100 °C
Qrr
9
22
15
35
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
25
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
U3B
U3C
U3D
UNIT
Typical thermal resistance (1)
RθJA
RθJM
92
10
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
U3D-E3/57T
0.239
57T
850
7" diameter plastic tape and reel
U3D-E3/9AT
0.239
9AT
3500
13" diameter plastic tape and reel
Figure 1. Maximum Forward Current Derating Curve
80
3.0
TM - Mount Temperature (°C)
0
1.0
90
120
150
2.0
100
110
140
130
Figure 2. Forward Power Loss Characteristics
0
Average Forward Current (A)
0
1.5
0.5
2.0
3.5
2.5
2.0
0.5
1.0
1.5
3.0
3.0
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = 0.2
D = 0.1
D = t
p/T
t
p
T
1.0
2.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com