Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VAR
Description  Ultra High Precision, High Resolution Z-Foil Audio Resistor, with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 % and Noise < - 40 dB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VAR Datasheet(HTML) 2 Page - Vishay Siliconix

  VAR Datasheet HTML 1Page - Vishay Siliconix VAR Datasheet HTML 2Page - Vishay Siliconix VAR Datasheet HTML 3Page - Vishay Siliconix VAR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VAR (Vishay Audio Resistor)
Vishay Foil Resistors Ultra High Precision, High Resolution Z-Foil Audio Resistor,
with TCR of ± 0.2 ppm/°C, Tolerance to ± 0.01 %
and Noise < - 40 dB
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63140
2
Revision: 12-Feb-08
FIGURE 2 - STANDARD DIMENSIONS
This product is fragile
and may be damaged
if mishandled.
Vishay assumes no
responsibility for
damage caused by
improper handling.
TABLE 2 - SPECIFICATIONS
RESISTANCE RANGE
(
Ω)
MAXIMUM
WORKING
VOLTAGE
AMBIENT
POWER RATING
DIMENSIONS
at
+ 70 °C
at
+ 125 °C
INCHES
mm
10 to 100K
200
0.4 W
0.2 W
W: 0.080 max.
L: 0.250 max.
H: 0.310 max.
LL: 1.000 ± 0.125
LS: 0.150 ± 0.005
W: 2.03 max.
L: 6.35 max.
H: 7.87 max.
LL: 25.4 ± 3.18
LS: 3.81 ± 0.13
Lead Material #22 AWG
Round Solder Coated Copper
W
L
LS
H
LL
Soldered PCB
FIGURE 3 - POWER DERATING CURVE
200 %
175 %
150 %
125 %
100 %
75 %
50 %
25 %
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175 + 200
Ambient Temperature (°C)
- 55 °C
+ 70 °C
Double Rated Power
Rated Power
FIGURE 4 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Opposing
Current in
Adjacent Lines
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com