Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFCP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VFCP
Description  Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFCP Datasheet(HTML) 3 Page - Vishay Siliconix

  VFCP Datasheet HTML 1Page - Vishay Siliconix VFCP Datasheet HTML 2Page - Vishay Siliconix VFCP Datasheet HTML 3Page - Vishay Siliconix VFCP Datasheet HTML 4Page - Vishay Siliconix VFCP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63106
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 28-Jun-07
3
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Ultra High Precision Z-Foil Flip Chip Resistor with TCR
of ± 0.05 ppm/°C, 35 % Space Saving versus
Wraparound Design and PCR of 5 ppm at Rated Power
Vishay Foil Resistors
Note
1. Land Pattern Dimensions are per IPC-782
Note
• The TCR values for < 100
Ω are influenced by the termination
composition and result in deviation from this curve
TABLE 6 - DIMENSIONS AND LAND PATTERN in inches (millimeters)
CHIP
SIZE
L
W
THICKNESS
D
Z1)
G1)
X1)
± 0.005 (0.13)
± 0.005 (0.13)
MAXIMUM
± 0.005 (0.13)
MAXIMUM
MINIMUM
MAXIMUM
0805
0.079 (2.01)
0.049 (1.24)
0.025 (0.64)
0.010 (0.25)
0.078 (1.98)
0.053 (1.35)
0.049 (1.24)
1206
0.126 (3.20)
0.062 (1.57)
0.025 (0.64)
0.015 (0.38)
0.125 (3.18)
0.090 (2.29)
0.062 (1.57)
1506
0.150 (3.81)
0.062 (1.57)
0.025 (0.64)
0.012 (0.30)
0.150 (3.81)
0.120 (3.05)
0.062 (1.57)
2010
0.200 (5.08)
0.100 (2.54)
0.025 (0.64)
0.020 (0.51)
0.199 (5.05)
0.153 (3.89)
0.100 (2.54)
2512
0.250 (6.35)
0.126 (3.20)
0.025 (0.64)
0.024 (0.61)
0.250 (6.35)
0.196 (4.98)
0.126 (3.20)
D
W
L
L - 0.005 (0.13)
W1 [W - 0.003"]
Solder Terminals
BOTTOM VIEW (showing terminals for mounting)
LAND PATTERN
G
Z
X
FIGURE 3 - CHIP CONFIGURATION
Protective Coating
High Purity Alumina Substrate
Resistive
Bulk® Metal Foil
Solder
FIGURE 4 - TYPICAL TCR CURVE Z-FOIL
(For more details, see Table 1)
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com