Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP200M Datasheet(PDF) 5 Page - STMicroelectronics

Part # TLP200M
Description  TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLP200M Datasheet(HTML) 5 Page - STMicroelectronics

  TLP200M Datasheet HTML 1Page - STMicroelectronics TLP200M Datasheet HTML 2Page - STMicroelectronics TLP200M Datasheet HTML 3Page - STMicroelectronics TLP200M Datasheet HTML 4Page - STMicroelectronics TLP200M Datasheet HTML 5Page - STMicroelectronics TLP200M Datasheet HTML 6Page - STMicroelectronics TLP200M Datasheet HTML 7Page - STMicroelectronics TLP200M Datasheet HTML 8Page - STMicroelectronics TLP200M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FUNCTIONAL HOLDING CURRENT (IH) TEST CIRCUIT: GO-NO GO TEST
R
-VP
V
BAT
-48 V
=
Surge generator
D.U.T.
This is a GO-NO GO test which allows to confirm the holding current (IH) level in a functional test circuit.
TEST PROCEDURE :
- Adjust the current level at the IH value by short circuiting the D.U.T.
- Fire the D.U.T. with a surge current : IPP = 10A, 10/1000
µs.
- The D.U.T. will come back to the off-state within a duration of 50ms max.
ORDER CODE
Package
Types
Marking
PowerSO-10
TLP140M
TLP200M
TLP270M
TLP140M
TLP200M
TLP270M
D
2PAK
TLP140G
TLP200G
TLP270G
TLP140G
TLP200G
TLP270G
I
2PAK
TLP140G-1
TLP200G-1
TLP270G-1
TLP140G
TLP200G
TLP270G
MARKING
TPL
270
M - TR
Breakdown Voltage
Packaging:
-TR= tapeandreelonlyfor”M”version(600pcs)
= tube (50 pcs)
Tripolar Line Protection
Package:
M : Power SO10
G:D
2PAK
G-1 : I
2PAK
TLPxxM/G/G-1
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com