Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT42001BWS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MPT42001BWS
Description  Surface Mount Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPT42001BWS Datasheet(HTML) 2 Page - Vishay Siliconix

  MPT42001BWS Datasheet HTML 1Page - Vishay Siliconix MPT42001BWS Datasheet HTML 2Page - Vishay Siliconix MPT42001BWS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MP
Surface Mount Network
Vishay Thin Film
Document Number: 60092
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 14-Sep-07
9
DIMENSIONS AND IMPRINTING in millimeters
DERATING CURVE
100 % = 0.15 W
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated Nichrome
Substrate Material
Silicon
Body
Epoxy
Terminals
Copper with Nickel barrier
Plating
SN 60
Marking Resistance to Solvents
Per MIL-PRF-914
Lead (Pb)-free Option
100 % Sn Matte
Lead (Pb)-free Finish
Plated
SC70 3L
SC70 4L
e
D
E1 E
e2
b2
A1
A
A2
L
L1
B
b2
A1
A
A2
b1
e
D
E1
E
L
L1
B
DIMENSION
MIN.
MAX.
A
0.800
1.100
A1
0.000
0.100
A2
0.800
1.000
B
0.100
0.018
b1
0.400
0.500
b2
0.200
0.250
D
1.800
2.200
E
1.800
2.400
E1
1.150
1.350
e
1.300
-
e2
0.650
-
L
0.100
0.030
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MP31002AWS (preferred part number format)
GLOBAL MODEL
(2 or 3 digits)
LEADS
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
MP
(Tin Lead)
MPT
(Lead (Pb)-free)
(e3)
3
4
The
first
3
digits
are
significant figures and the
last
digit
specifies
the
number of zeros to follow.
When
like
values
are
required use total resistance.
Example:
2001 = 2K (1K/1K)
2002 = 20K (10K/10K)
Abs. Tol.
A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
BS = BULK 100 Min 1 Mult
WS = WAFFLE 100 Min 1 Mult
TAPE AND REEL
T1 = 1000 Min 1000 Mult
Historical Part Number example: MP32002BW (will continue to be accepted)
MP
3
2002
B
W
SERIES
LEADS
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
P
T
42
00
1
B
T
1
M
P
3
10
02
A
W
S
M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com